Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 3 Page - Texas Instruments

  OPA863 Datasheet HTML 1Page - Texas Instruments OPA863 Datasheet HTML 2Page - Texas Instruments OPA863 Datasheet HTML 3Page - Texas Instruments OPA863 Datasheet HTML 4Page - Texas Instruments OPA863 Datasheet HTML 5Page - Texas Instruments OPA863 Datasheet HTML 6Page - Texas Instruments OPA863 Datasheet HTML 7Page - Texas Instruments OPA863 Datasheet HTML 8Page - Texas Instruments OPA863 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
• Updated the Overview section..........................................................................................................................22
• Updated the Input Stage section...................................................................................................................... 23
• Updated the ESD Protection section................................................................................................................ 24
• Updated the Power-Down Mode section.......................................................................................................... 24
• Removed the Split-Supply Operation (±1.35 V to ±6.3 V), Single-Supply Operation (2.7 V to 12.6 V), Amplifier
Gain Configurations, Transimpedance Amplifier, Design Requirements, Detailed Design Procedure, and
Application Curves sections..............................................................................................................................25
• Updated the Clamp-On Ultrasonic Flow Meter section.....................................................................................28
• Updated the Layout Guidelines section............................................................................................................ 29
• Updated the Thermal Considerations section...................................................................................................30
• Updated the Layout Recommendation figure title in the Layout Example section............................................30
Changes from Revision C (April 2021) to Revision D (July 2021)
Page
• Added Thermal Information for OPA4863PW to the Specifications section....................................................... 8
Changes from Revision B (April 2021) to Revision C (April 2021)
Page
• Removed A from the device name OPAx863 in the Description section............................................................ 1
• Removed A from the device name OPAx863 in the Device Comparison Table section..................................... 4
• Added power-down mode information for DBV package to the datasheet......................................................... 9
Changes from Revision A (June 2020) to Revision B (April 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Changed the status of the data sheet from: advanced information to: production data..................................... 1
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982E – JUNE 2020 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com