Electronic Components Datasheet Search
  English  ▼

X  

3035664 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3035664
Description  Feed-through terminal block - ST 35 RD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3035664 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3035664 Datasheet HTML 1Page - PHOENIX CONTACT 3035664 Datasheet HTML 2Page - PHOENIX CONTACT 3035664 Datasheet HTML 3Page - PHOENIX CONTACT 3035664 Datasheet HTML 4Page - PHOENIX CONTACT 3035664 Datasheet HTML 5Page - PHOENIX CONTACT 3035664 Datasheet HTML 6Page - PHOENIX CONTACT 3035664 Datasheet HTML 7Page - PHOENIX CONTACT 3035664 Datasheet HTML 8Page - PHOENIX CONTACT 3035664 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3035664
09/12/2020   Page 1 / 15
Feed-through terminal block - ST 35 RD - 3035664
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Feed-through terminal block, nom. voltage: 1000 V, nominal current: 125 A, connection method: Spring-cage
connection, number of connections: 2, cross section: 2.5 mm² - 35 mm², AWG: 14 - 2, width: 16 mm, color:
red, mounting type: NS 35/7,5, NS 35/15
Key Commercial Data
Packing unit
10 pc
GTIN
GTIN
4046356625111
Technical data
General
Number of levels
1
Number of connections
2
Potentials
1
Nominal cross section
35 mm²
Color
red
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
8 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Maximum power dissipation for nominal condition
4.06 W
Maximum load current
125 A (with 35 mm² conductor cross section)
Nominal current IN
125 A
Nominal voltage UN
1000 V
Open side panel
No
Ambient temperature (operation)
-60 °C ... 85 °C


Similar Part No. - 3035664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3035662 PHOENIX-3035662 Datasheet
90Kb / 5P
The double bridge shaft not only enables individual chain bridging, but also reducing bridging to spring-cage terminal blocks with smaller cross sections
3035665 PHOENIX-3035665 Datasheet
86Kb / 5P
The double bridge shaft not only enables individual chain bridging, but also reducing bridging to spring-cage terminal blocks with smaller cross sections
More results

Similar Description - 3035664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1037083 PHOENIX-1037083 Datasheet
90Kb / 5P
Feed-through terminal block - PTS 2,5 RD
3044227 PHOENIX-3044227 Datasheet
147Kb / 14P
Feed-through terminal block - UT 35 RD
3048328 PHOENIX-3048328 Datasheet
188Kb / 18P
Feed-through terminal block - UK 35 RD
3209512 PHOENIX-3209512 Datasheet
70Kb / 5P
Feed-through terminal block - PT 2,5 RD
3211815 PHOENIX-3211815 Datasheet
246Kb / 28P
Feed-through terminal block - PT 6 RD
3037371 PHOENIX-3037371 Datasheet
626Kb / 28P
Feed-through terminal block - ST 4-TWIN RD
3044207 PHOENIX-3044207 Datasheet
386Kb / 14P
Feed-through terminal block - UT 16 RD
3211777 PHOENIX-3211777 Datasheet
581Kb / 29P
Feed-through terminal block - PT 4 RD
3046786 PHOENIX-3046786 Datasheet
261Kb / 23P
Feed-through terminal block - UTTB 4 RD
09/12/2020
3211864 PHOENIX-3211864 Datasheet
500Kb / 26P
Feed-through terminal block - PTU 4 RD
09/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com