Electronic Components Datasheet Search
  English  ▼

X  

3035664 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 3035664
Description  Feed-through terminal block - ST 35 RD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3035664 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 3035664 Datasheet HTML 7Page - PHOENIX CONTACT 3035664 Datasheet HTML 8Page - PHOENIX CONTACT 3035664 Datasheet HTML 9Page - PHOENIX CONTACT 3035664 Datasheet HTML 10Page - PHOENIX CONTACT 3035664 Datasheet HTML 11Page - PHOENIX CONTACT 3035664 Datasheet HTML 12Page - PHOENIX CONTACT 3035664 Datasheet HTML 13Page - PHOENIX CONTACT 3035664 Datasheet HTML 14Page - PHOENIX CONTACT 3035664 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
https://www.phoenixcontact.com/pi/products/3035664
09/12/2020   Page 13 / 15
Feed-through terminal block - ST 35 RD - 3035664
Accessories
Reducing bridge - RB 35-16 - 3032169
Reducing bridge, pitch: 14 mm, number of positions: 2, color: red
 
 
Screwdriver tools
Screwdriver - SZF 3-1,0X5,5 - 1206612
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 1.0 x 5.5 x 150 mm, 2-
component grip, with non-slip grip
 
 
Terminal marking
Zack marker strip - ZB 16:UNPRINTED - 0827461
Zack marker strip, Strip, white, unlabeled, can be labeled with: PLOTMARK, CMS-P1-PLOTTER, mounting type:
snap into tall marker groove, for terminal block width: 16 mm, lettering field size: 16 x 10.5 mm, Number of individual
labels: 50
 
 
Marker for terminal blocks - UC-TM 16 - 0819217
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK ID COLOR, BLUEMARK ID,
BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, mounting type: snap into tall marker groove, for terminal block
width: 16 mm, lettering field size: 15.45 x 10.5 mm, Number of individual labels: 32
 
 
Marker for terminal blocks - UCT-TM 16 - 0829146
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: TOPMARK NEO, TOPMARK LASER,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, THERMOMARK PRIME, THERMOMARK CARD 2.0,
THERMOMARK CARD, mounting type: snap into tall marker groove, for terminal block width: 16 mm, lettering field
size: 14.8 x 9.6 mm, Number of individual labels: 18
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com