Electronic Components Datasheet Search
  English  ▼

X  

AO6702 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO6702
Description  N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6702 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO6702 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Units
VDS
V
VGS
V
TA=25°C
TA=70°C
IDM
VKA
V
TA=25°C
TA=70°C
IFM
TA=25°C
TA=70°C
TJ, TSTG
°C
Symbol
Units
RθJL
RθJL
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
MOSFET
Schottky
Drain-Source Voltage
20
Gate-Source Voltage
±8
Continuous Drain Current
A
ID
3.8
A
3
Pulsed Drain Current
B
10
Schottky reverse voltage
20
Continuous Forward Current
A
IF
2
A
1
Pulsed Forward Current
B
10
W
0.7
0.59
Junction and Storage Temperature Range
-55 to 150
-55 to 150
Power Dissipation
PD
1.15
0.92
Parameter: Thermal Characteristics MOSFET
Typ
Max
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
80.3
110
°C/W
Maximum Junction-to-Ambient
A
Steady-State
117
150
Maximum Junction-to-Lead
C
Steady-State
43
80
Thermal Characteristics Schottky
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
109.4
135
°C/W
Maximum Junction-to-Ambient
A
Steady-State
136.5
175
Maximum Junction-to-Lead
C
Steady-State
58.5
80
AO6702
N-Channel Enhancement Mode Field Effect Transistor
with Schottky Diode
Features
VDS (V) = 20V
ID = 3.8A (VGS = 4.5V)
RDS(ON) < 50mΩ (VGS = 4.5V)
RDS(ON) < 65mΩ (VGS = 2.5V)
RDS(ON) < 95mΩ (VGS = 1.8V)
SCHOTTKY
VDS (V) = 20V, IF = 1A, VF<0.5V@0.5A
General Description
The AO6702 uses advanced trench technology to provide
excellent R DS(ON) and low gate charge. A Schottky diode is
provided to facilitate the implementation of a bidirectional
blocking switch, or for DC-DC conversion applications.
Standard Product AO6702 is Pb-free (meets ROHS & Sony
259 specifications). AO6702L is a Green Product ordering
option. AO6702 and AO6702L are electrically identical.
TSOP6
A
K
G
D
S
G
S
A
D
N/C
K
1
2
3
6
5
4


Similar Part No. - AO6702

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6700 AOSMD-AO6700 Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6700L AOSMD-AO6700L Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6701L AOSMD-AO6701L Datasheet
164Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results

Similar Description - AO6702

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6700 AOSMD-AO6700 Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4700 AOSMD-AO4700 Datasheet
166Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4702 AOSMD-AO4702 Datasheet
112Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4704 AOSMD-AO4704 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA1310S VBSEMI-VBA1310S Datasheet
686Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
VB3222A VBSEMI-VB3222A Datasheet
567Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com