Electronic Components Datasheet Search
  English  ▼

X  

AO6702 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO6702
Description  N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6702 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO6702 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO6702 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO6702
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
0.4
0.6
1
V
ID(ON)
10
A
41.6
50
TJ=125°C
63
80
54
65
m
Ω
74
95
m
Ω
gFS
10.5
S
VSD
0.8
1
V
IS
1.8
A
Ciss
449
pF
Coss
74
pF
Crss
51.6
pF
Rg
4.9
Ω
Qg
5.9
nC
Qgs
0.36
nC
Qgd
1.3
nC
tD(on)
4.5
ns
tr
6ns
tD(off)
32.7
ns
tf
7.1
ns
trr
13
ns
Qrr
3.3
nC
SCHOTTKY PARAMETERS
VF
0.39
0.5
V
0.02
20
CT
34
pF
trr
5.2
10
ns
Qrr
0.8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
SchottkyReverse Recovery Time
IF=1A, dI/dt=100A/µs
Schottky Reverse Recovery Charge
IF=1A, dI/dt=100A/µs
IF=3.8A, dI/dt=100A/µs
IF=3.8A, dI/dt=100A/µs
Electrical Characteristics (T J=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=16V, VGS=0V
µA
Gate-Body leakage current
VDS=0V, VGS=±8V
RDS(ON)
Static Drain-Source On-Resistance
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=4.5V, VDS=5V
VGS=4.5V, ID=3.8A
m
Ω
VGS=2.5V, ID=3.3A
VGS=1.8V, ID=2.8A
Forward Transconductance
VDS=5V, ID=3.8A
Input Capacitance
VGS=5V, VDS=10V, RL=2.6Ω,
RGEN=0Ω
Gate Drain Charge
Output Capacitance
Turn-On Rise Time
Turn-Off DelayTime
Reverse Transfer Capacitance
Diode Forward Voltage
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge
Turn-Off Fall Time
Total Gate Charge
Gate Source Charge
Turn-On DelayTime
Forward Voltage Drop
IF=0.5A
Irm
Maximum reverse leakage current
VR=16V
mA
VR=16V, TJ=125°C
Junction Capacitance
VR=10V
IS=1A,VGS=0V
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
VGS=4.5V, VDS=10V, ID=3.8A
VGS=0V, VDS=10V, f=1MHz
Gate resistance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value
in any given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev3: August 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com