Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS244 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS244
Description  SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS244 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS244 Datasheet HTML 1Page - Texas Instruments SN74HCS244 Datasheet HTML 2Page - Texas Instruments SN74HCS244 Datasheet HTML 3Page - Texas Instruments SN74HCS244 Datasheet HTML 4Page - Texas Instruments SN74HCS244 Datasheet HTML 5Page - Texas Instruments SN74HCS244 Datasheet HTML 6Page - Texas Instruments SN74HCS244 Datasheet HTML 7Page - Texas Instruments SN74HCS244 Datasheet HTML 8Page - Texas Instruments SN74HCS244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
20
19
18
17
16
15
14
8
13
9
12
10
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
V
CC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
PW Package
20-Pin TSSOP
Top View
1A1
2Y4
1A2
2Y3
1A3
2Y2
GND
2OE
1Y1
2A4
1Y2
2A3
2A1
1Y3
1OE
V
CC
2
3
4
5
6
7
10
19
18
17
16
15
14
11
1
20
1A4
2Y1
2A2
1Y4
9
13
12
8
PAD
WRKS package
20-Pin VQFN
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
Name
TSSOP NO.
1OE
1
I
Bank 1, output enable, active low
1A1
2
I
Bank 1, channel 1 input
2Y4
3
O
Bank 2, channel 4 output
1A2
4
I
Bank 1, channel 2 input
2Y3
5
O
Bank 2, channel 3 output
1A3
6
I
Bank 1, channel 3 input
2Y2
7
O
Bank 2, channel 2 output
1A4
8
I
Bank 1, channel 4 input
2Y1
9
O
Bank 2, channel 1 output
GND
10
—
Ground
2A1
11
I
Bank 2, channel 1 input
1Y4
12
O
Bank 1, channel 4 output
2A2
13
I
Bank 2, channel 2 input
1Y3
14
O
Bank 1, channel 3 output
2A3
15
I
Bank 2, channel 3 input
1Y2
16
O
Bank 1, channel 2 output
2A4
17
I
Bank 2, channel 4 input
1Y1
18
O
Bank 1, channel 1 output
2OE
19
I
Bank 2, output enable, active low
VCC
20
—
Positive supply
Thermal Pad(2)
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply.
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output.
(2)
WRKS package only.
www.ti.com
SN74HCS244-Q1
SCLS821B – JULY 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS244-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com