Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS244 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS244
Description  SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS244 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS244 Datasheet HTML 1Page - Texas Instruments SN74HCS244 Datasheet HTML 2Page - Texas Instruments SN74HCS244 Datasheet HTML 3Page - Texas Instruments SN74HCS244 Datasheet HTML 4Page - Texas Instruments SN74HCS244 Datasheet HTML 5Page - Texas Instruments SN74HCS244 Datasheet HTML 6Page - Texas Instruments SN74HCS244 Datasheet HTML 7Page - Texas Instruments SN74HCS244 Datasheet HTML 8Page - Texas Instruments SN74HCS244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger
Inputs and 3-State Outputs
1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1:
–40°C to +125°C, TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Available in wettable flank QFN (WRKS) package
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
2 Applications
• Enable or disable a digital signal
• Eliminate slow or noisy input signals
• Hold a signal furing controller reset
• Debounce a switch
3 Description
The SN74HCS244-Q1 is an octal buffer with 3-state
outputs and Schmitt-trigger inputs. The device is
configured into two banks of four drivers, each
controlled by its own output enable pin.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
SN74HCS244PW-Q1
TSSOP (20)
4.40 mm × 6.50 mm
SN74HCS244WRKS-Q1
VQFN (20)(2)
4.50 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Package is in product preview.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
SN74HCS244-Q1
SCLS821B – JULY 2020 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - SN74HCS244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS244 TI-SN74HCS244 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2021
SN74HCS244 TI-SN74HCS244 Datasheet
2Mb / 28P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
SN74HCS244 TI-SN74HCS244 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
SN74HCS244 TI-SN74HCS244 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
SN74HCS244 TI2-SN74HCS244 Datasheet
1Mb / 28P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
More results

Similar Description - SN74HCS244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS244-Q1 TI-SN74HCS244-Q1 Datasheet
534Kb / 18P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS365-Q1 TI-SN74HCS365-Q1 Datasheet
1Mb / 23P
SN74HCS365-Q1 Automotive Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS367-Q1 TI-SN74HCS367-Q1 Datasheet
1Mb / 23P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
SN74HCS365-Q1 TI-SN74HCS365-Q1_V01 Datasheet
1Mb / 24P
SN74HCS365-Q1 Automotive Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS244 TI-SN74HCS244 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2021
SN74HCS365-Q1 TI-SN74HCS365-Q1_V02 Datasheet
2Mb / 31P
SN74HCS365-Q1 Automotive Hex Buffers and Line Drivers with 3-State Outputs and Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS367-Q1 TI-SN74HCS367-Q1_V02 Datasheet
2Mb / 30P
SN74HCS367-Q1 Automotive Hex Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
DECEMBER 2021
SN74HCS244-Q1 TI-SN74HCS244-Q1_V02 Datasheet
2Mb / 28P
SN74HCS244-Q1 Automotive Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
SN74HCS244 TI-SN74HCS244_V01 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
SN74HCS244 TI-SN74HCS244_V02 Datasheet
1Mb / 25P
SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com