Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS595 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS595
Description  SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS595 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS595 Datasheet HTML 1Page - Texas Instruments SN74HCS595 Datasheet HTML 2Page - Texas Instruments SN74HCS595 Datasheet HTML 3Page - Texas Instruments SN74HCS595 Datasheet HTML 4Page - Texas Instruments SN74HCS595 Datasheet HTML 5Page - Texas Instruments SN74HCS595 Datasheet HTML 6Page - Texas Instruments SN74HCS595 Datasheet HTML 7Page - Texas Instruments SN74HCS595 Datasheet HTML 8Page - Texas Instruments SN74HCS595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and
3-State Output Registers
1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1:
–40°C to +125°C, TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Available in wettable flank QFN (WBQB) package
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
2 Applications
• Output expansion
• LED matrix control
• 7-segment display control
• 8-bit data storage
3 Description
The SN74HCS595-Q1 device contains an 8-bit, serial-
in, parallel-out shift register that feeds an 8-bit
D-type storage register. All inputs include Schmitt-
trigger architecture, eliminating any erroneous data
outputs due to slow-edged or noisy input signals. The
storage register has parallel 3-state outputs. Separate
clocks are provided for both the shift and storage
register. The shift register has a direct overriding clear
(SRCLR) input, serial (SER) input, and a serial output
(QH') for cascading. When the output-enable (OE)
input is high, the storage register outputs are in a
high-impedance state. Internal register data and serial
output (QH') are not impacted by the operation of the
OE input.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HCS595PW-Q1
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS595D-Q1
SOIC (16)
9.90 mm × 3.90 mm
SN74HCS595BQB-Q1
WQFN (16)
3.60 mm × 2.60 mm
SN74HCS595DYY-Q1
SOT-23-THN (16) 4.20 mm × 2.00 mm
SN74HCS595WBQB-Q1
WQFN (16)
3.60 mm × 2.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-Trigger Inputs
SN74HCS595-Q1
SCLS785F – DECEMBER 2019 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS595 TI-SN74HCS595 Datasheet
1Mb / 26P
SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
1Mb / 26P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
2Mb / 34P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
2Mb / 34P
SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595-Q1 TI1-SN74HCS595-Q1 Datasheet
457Kb / 22P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
More results

Similar Description - SN74HCS595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS595-Q1 TI1-SN74HCS595-Q1 Datasheet
457Kb / 22P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI1-SN74HCS594-Q1 Datasheet
1Mb / 27P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS595 TI-SN74HCS595 Datasheet
1Mb / 26P
SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V01 Datasheet
1Mb / 26P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V01 Datasheet
2Mb / 32P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V02 Datasheet
2Mb / 35P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V02 Datasheet
2Mb / 34P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595 TI-SN74HCS595_V01 Datasheet
2Mb / 34P
SN74HCS595 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V03 Datasheet
2Mb / 36P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
REVISED SEPTEMBER 2021
SN74HCS594-Q1 TI-SN74HCS594-Q1_V03 Datasheet
3Mb / 38P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com