Electronic Components Datasheet Search
  English  ▼

X  

AD6392 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AD6392
Description  4-CH MOTOR DRIVE IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AD6392 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AD6392 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 15Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 16Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 17Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 18Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 19Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 20Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 21Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
- 19 -
April. 2002 (Rev.0)
www.interpionsemi.com
AD6392
4-CH MOTOR DRIVE IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
4
68
10
12
14
16
6
7
8
9
10
11
12
Avf (dB)
Vcc (V)
VCC=8.0V
Vref=2.5V
Vin=0.2Vrms, 1KHz
RL=8 ohm
Mute=High
Vcc vs Avf
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
Temperature
Icc (mA)
Temp vs Icc
VCC=8.0V
Temp=Sweep
Vref=2.5V
RL=8 ohm
Mute=High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com