Electronic Components Datasheet Search
  English  ▼

X  

AD6392 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD6392
Description  4-CH MOTOR DRIVE IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AD6392 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD6392 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
- 2 -
April. 2002 (Rev.0)
www.interpionsemi.com
AD6392
4-CH MOTOR DRIVE IC
PIN DESCRIPTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
DO1F
O
CH1 forward output
2
DO1R
O
CH1 reverse output
3
RCIN1
I
CH1 external
capacitor / resistor
4
IN1R
I
CH1 reverse input
5
IN1F
I
CH1 forward input
6
REFI
I
Reference input
7
REFO
O
Reference output
8
SGND
-
Signal ground
9
IN2F
I
CH2 forward input
10
IN2R
I
CH2 reverse input
11
RCIN2
I
CH2 external
capacitor / resistor
12
DO2R
O
CH2 reverse output
13
DO2F
O
CH2 forward output
14
PGND1
-
Power ground 1
NO
SYMBOL
I/O
DESCRIPTION
15
MUTE
I
Mute
16
DO3F
O
CH3 forward output
17
DO3R
O
CH3 reverse output
18
RCIN3
I
CH3 external
capacitor / resistor
19
IN3R
I
CH3 reverse input
20
IN3F
I
CH3 forward input
21
VCC1
-
Power supple voltage 1
22
VCC2
-
Power supple voltage 2
23
VBIN
I
CH4 bias input
24
VSIN
I
CH4 input
25
VBINA
I
CH4 bias input
(with internal resistor)
26
DO4R
O
CH4 reverse output
27
DO4F
O
CH4 forward output
28
PGND2
-
Power ground 2
PIN CONNECTIONS
A D 6 3 9 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com