Electronic Components Datasheet Search
  English  ▼

X  

MXC62320HB Datasheet(PDF) 6 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320HB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320HB Datasheet(HTML) 6 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXC62320HB Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MEMSIC MXC6232xG/H/M/N Rev.A
Page 6 of 8
4/11/2010
RESOLUTION
The accelerometer resolution is limited by noise. The
output noise will vary with the measurement bandwidth.
With the reduction of the bandwidth, by applying an
external low pass filter, the output noise drops. Reduction
of bandwidth will improve the signal to noise ratio and the
resolution. The output noise scales directly with the square
root of the measurement bandwidth. The maximum
amplitude of the noise, its peak- to- peak value,
approximately defines the worst case resolution of the
measurement. With a simple RC low pass filter, the rms
noise is calculated as follows:
Noise (mg rms) = Noise(mg/ Hz ) *
)
6
.
1
*
)
(
(
Hz
Bandwidth
The peak-to-peak noise is approximately equal to 6.6 times
the rms value (for an average uncertainty of 0.1%).
HARDWARE DESIGN CONSIDERATION
1. One capacitor is recommended for best rejection of
power supply noise (reference figure below). The
capacitor should be located as close as possible to the
device supply pin (VDD). The capacitor lead length
should be as short as possible, and a surface mount
capacitor is preferred. For typical applications, the
capacitor can be ceramic 0.1 μF.
Power supply noise rejection
2. Robust low inductance ground wiring should be used.
3. Care should be taken to ensure there is “thermal
symmetry” on the PCB immediately surrounding the
MEMSIC device and that there is no significant heat
source nearby. Based on the experiment, with a
120degC heating source at 11mm away of MEMSIC
device, the offset change will be within 5mg.
4. A metal ground plane should be added directly beneath
the MEMSIC device. The size of the plane should be
similar to the MEMSIC device’s footprint and be as
thick as possible.
5. Vias can be added symmetrically around the ground
plane. These vias will increase the thermal isolation of
the device from the rest of the PCB and improve
performance.
SOFTWARE DESIGN CONSIDERATION
A register or flag is required between I2C MCU (the master
device) and any system level CPU/MCU (if there exists any
system level controller (such as a PC based system). The
potential issue will be that system level controller may read
in MSB and LSB of the same axis from different events of
on-chip A/D conversions, since I2C data length is 8 bits
while the sensor has data length of 12 bits.
I2C INTERFACE DESCRIPTION
A slave mode I2C circuit has been implemented into the
Memsic thermal accelerometer as a standard interface for
customer applications. The A/D converter and MCU
functionality have been added to the Memsic sensor,
thereby increasing ease-of-use, and lowering power
consumption, footprint and total solution cost.
The I2C (or Inter IC bus) is an industry standard bi-
directional two-wire interface bus. A master I2C device can
operate READ/WRITE controls to an unlimited number of
devices on the bus by proper addressing. The Memsic
accelerometer operates only in a slave mode, i.e. only
responding to calls by a master device
I2C BUS CHARACTERISTICS
I2C bus
The two wires in I2C bus are called SDA (serial data line)
and SCL (serial clock line). In order for a data transfer to
start, the bus has to be free, which is defined by both wires
in a HIGH output state. Due to the open-drain/pull-up
resistor structure and wire-AND operation, any device on
the bus can pull lines low and overwrite a HIGH signal.
The data on the SDA line has to be stable during the HIGH
period of the SCL line. In other words, valid data can only
change when the SCL line is LOW.
I2C BUS DATA TRANSFER
A data transfer is started with a “START” condition and
ended with a “STOP” condition. A “START” condition is
Rp
Rp
SDA (Serial Data Line)
SCL (Serial Clock Line)
DEVICE 1
DEVICE 2
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com