Electronic Components Datasheet Search
  English  ▼

X  

MXC62320HB Datasheet(PDF) 8 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

Part # MXC62320HB
Description  Low Power, Low Profile 짹2 g Dual Axis Accelerometer with I2C Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEMSIC [MEMSIC Semiconductor (Tianjin) Co., Ltd.]
Direct Link  http://www.memsic.com/
Logo MEMSIC - MEMSIC Semiconductor (Tianjin) Co., Ltd.

MXC62320HB Datasheet(HTML) 8 Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.

  MXC62320HB Datasheet HTML 1Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 2Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 3Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 4Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 5Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 6Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 7Page - MEMSIC Semiconductor (Tianjin) Co., Ltd. MXC62320HB Datasheet HTML 8Page - MEMSIC Semiconductor (Tianjin) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MEMSIC MXC6232xG/H/M/N Rev.A
Page 8 of 8
4/11/2010
Sixth cycle: Master device calls Memsic device address
with a READ (8th SCL cycle SDA line high). Memsic
device should acknowledge at the end.
Seventh cycle: Master device cycles SCL line, first
addressed memory data appears on SDA line. If in step 7,
“[00000000]” was sent, internal control register data should
appear (in the following steps, this case is assumed). Master
device should send acknowledge at the end.
Eighth cycle: Master device continues cycle SCL line, next
byte of internal memory should appear on SDA line (MSB
of X channel). The internal memory address pointer
automatically
moves
to
the
next
byte.
Master
acknowledges.
Ninth cycle: LSB of X channel. In the case that TOEN bit
of internal register was set to “1”, the MSB and LSB of
TOUT (temperature) should appear in last two steps.
Tenth cycle: MSB of Y channel.
Eleventh cycle: LSB of Y channel.
Master ends communications by sending NO acknowledge
and followed by a STOP command. Note: if mater device
continues to cycle SCL line, the memory pointer will go to
sixth
and
seventh
positions,
which
always
have
“[00000000]”. After seventh position, pointer will go to
zero again.
Optional: Master powers down Memsic device by writing
into internal control register. (See step 1 through 4 for
WRITE operation)
LCC-8 PACKAGE DRAWING
Hermetically Sealed Package Outline



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com