Electronic Components Datasheet Search
  English  ▼

X  

LM5009 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5009
Description  150 mA, 100V Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5009 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5009 Datasheet HTML 1Page - National Semiconductor (TI) LM5009 Datasheet HTML 2Page - National Semiconductor (TI) LM5009 Datasheet HTML 3Page - National Semiconductor (TI) LM5009 Datasheet HTML 4Page - National Semiconductor (TI) LM5009 Datasheet HTML 5Page - National Semiconductor (TI) LM5009 Datasheet HTML 6Page - National Semiconductor (TI) LM5009 Datasheet HTML 7Page - National Semiconductor (TI) LM5009 Datasheet HTML 8Page - National Semiconductor (TI) LM5009 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN to RTN
-0.3V to 100V
BST to RTN
-0.3V to 114V
SW to RTN (Steady State)
-1V
ESD Rating (Note 5)
Human Body Model
2kV
BST to VCC
100V
BST to SW
14V
VCC to RTN
14V
All Other Inputs to RTN
-0.3 to 7V
Storage Temperature Range
-65˚C to +150˚C
Operating Ratings (Note 1)
V
IN
9.5V to 95V
Operating Junction Temperature
−40˚C to + 125˚C
Electrical Characteristics
Limits in standard type are for T
J = 25˚C only, and limits in boldface type apply over the junction temperature (TJ) range of
-40˚C to +125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only. Unless otherwise stated,
the following conditions apply: V
IN = 48V, RON = 200k
Ω. See (Note 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC Supply
V
CC Reg
V
CC Regulator Output
6.6
7
7.4
V
V
CC Current Limit
(Note 4)
9.5
mA
V
CC undervoltage Lockout
Voltage (V
CC increasing)
6.3
V
V
CC Undervoltage Hysteresis
200
mV
V
CC UVLO Delay (filter)
100mV overdrive
10
µs
I
IN Operating Current
Non-Switching, FB = 3V
485
675
µA
I
IN Shutdown Current
RON/SD = 0V
76
150
µA
Switch Characteristics
Buck Switch Rds(on)
I
TEST = 200mA, (Note 6)
2.0
4.4
Ω
Gate Drive UVLO
V
BST −VSW Rising
3.4
4.5
5.5
V
Gate Drive UVLO Hysteresis
430
mV
Current Limit
Current Limit Threshold
0.25
0.31
0.37
A
Current Limit Response Time
I
switch Overdrive = 0.1A
Time to Switch Off
400
ns
OFF time generator (test 1)
FB=0V, R
CL = 100K
35
µs
OFF time generator (test 2)
FB=2.3V, R
CL = 100K
2.56
µs
On Time Generator
T
ON - 1
Vin = 10V
Ron = 200K
2.15
2.77
3.5
µs
T
ON - 2
Vin = 95V
Ron = 200K
200
300
420
ns
Remote Shutdown Threshold
Rising
0.40
0.70
1.05
V
Remote Shutdown Hysteresis
35
mV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com