Electronic Components Datasheet Search
  English  ▼

X  

LM5009 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5009
Description  150 mA, 100V Step-Down Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5009 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM5009 Datasheet HTML 4Page - National Semiconductor (TI) LM5009 Datasheet HTML 5Page - National Semiconductor (TI) LM5009 Datasheet HTML 6Page - National Semiconductor (TI) LM5009 Datasheet HTML 7Page - National Semiconductor (TI) LM5009 Datasheet HTML 8Page - National Semiconductor (TI) LM5009 Datasheet HTML 9Page - National Semiconductor (TI) LM5009 Datasheet HTML 10Page - National Semiconductor (TI) LM5009 Datasheet HTML 11Page - National Semiconductor (TI) LM5009 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Hysteretic Control Circuit
Overview (Continued)
(1)
The output voltage (V
OUT) is programmed by two external
resistors as shown in Figure 1. The regulation point is cal-
culated as follows:
V
OUT =2.5x(R1+R2)/R2
All hysteretic regulators regulate the output voltage based on
ripple voltage at the feedback input, requiring a minimum
amount of ESR for the output capacitor C2. A minimum of
25mV of ripple voltage at the feedback pin (FB) is required
for the LM5009. In cases where the capacitor ESR is too
small, additional series resistance may be required (R3 in
Figure 1).
For applications where lower output voltage ripple is re-
quired the output can be taken directly from a low ESR
output capacitor, as shown in Figure 2. However, R3 slightly
degrades the load regulation.
High Voltage Start-Up Regulator
The LM5009 contains an internal high voltage startup regu-
lator. The input pin (VIN) can be connected directly to line
voltages up to 95 Volts, with transient capability to 100 volts.
The regulator is internally current limited at 9.5mA. Upon
power up, the regulator sources current into the external
capacitor at VCC (C3). When the voltage on the VCC pin
reaches the under-voltage lockout threshold of 6.3V, the
buck switch is enabled.
In applications involving a high value for V
IN, where power
dissipation in the V
CC regulator is a concern, an auxiliary
voltage can be diode connected to the VCC pin. Setting the
voltage between 8V and 14V shuts off the internal regulator,
reducing internal power dissipation. See Figure 3. The cur-
rent required into the VCC pin is shown in the Typical Per-
formance Characteristics.
Regulation Comparator
The feedback voltage at FB is compared to an internal 2.5V
reference. In normal operation (the output voltage is regu-
lated), an on-time period is initiated when the voltage at FB
falls below 2.5V. The buck switch will stay on for the pro-
grammed on-time, causing the FB voltage to rise above
2.5V. After the on-time period, the buck switch will stay off
until the FB voltage again falls below 2.5V. During start-up,
the FB voltage will be below 2.5V at the end of each on-time,
resulting in the minimum off-time. Bias current at the FB pin
is less than 5 nA over temperature.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal
2.875V reference. If the voltage at FB rises above 2.875V
the on-time pulse is immediately terminated. This condition
can occur if the input voltage, or the output load, change
suddenly. The buck switch will not turn on again until the
voltage at FB falls below 2.5V.
ON-Time Generator and Shutdown
The on-time for the LM5009 is determined by the R
ON resis-
tor, and is inversely proportional to the input voltage (Vin),
resulting in a nearly constant frequency as Vin is varied over
its range. The on-time equation is:
T
ON =1.25x10
-10 xR
ON /VIN
(2)
R
ON should be selected for a minimum on-time (at maximum
V
IN) greater than 250 ns, for proper current limit operation.
This requirement limits the maximum frequency for each
application, depending on V
IN and VOUT.
The LM5009 can be remotely disabled by taking the
RON/SD pin to ground. See Figure 4. The voltage at the
RON/SD pin is between 1.7V and 5V, depending on Vin and
the value of the R
ON resistor.
20165805
FIGURE 2. Low Ripple Output Configuration
20165806
FIGURE 3. Self Biased Configuration
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com