Electronic Components Datasheet Search
  English  ▼

X  

MIC922 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC922
Description  230MHz Low-Power SC-70 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC922 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC922 Datasheet HTML 1Page - Micrel Semiconductor MIC922 Datasheet HTML 2Page - Micrel Semiconductor MIC922 Datasheet HTML 3Page - Micrel Semiconductor MIC922 Datasheet HTML 4Page - Micrel Semiconductor MIC922 Datasheet HTML 5Page - Micrel Semiconductor MIC922 Datasheet HTML 6Page - Micrel Semiconductor MIC922 Datasheet HTML 7Page - Micrel Semiconductor MIC922 Datasheet HTML 8Page - Micrel Semiconductor MIC922 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2002
1
MIC922
MIC922
Micrel
MIC922
230MHz Low-Power SC-70 Op Amp
Final Information
General Description
The MIC922 is a high-speed operational amplifier with a gain-
bandwidth product of 230MHz. The part is unity gain stable.
It has a very low 2.5mA supply current, and features the
Teeny™ SC-70 package.
Supply voltage range is from
±2.5V to ±9V, allowing the
MIC922 to be used in low-voltage circuits or applications
requiring large dynamic range.
The MIC922 is stable driving any capacitative load and
achieves excellent PSRR and CMRR, making it much easier
to use than most conventional high-speed devices. Low
supply voltage, low power consumption, and small packing
make the MIC922 ideal for portable equipment. The ability to
drive capacitative loads also makes it possible to drive long
coaxial cables.
Features
• 230MHz gain bandwidth product
• 400MHz –3dB bandwidth
• 2.5mA supply current
• SC-70 package
• 1500V/
µs slew rate
• Drives any capacitive load
• Unity gain stable
Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers
Ordering Information
Part Number
Junction Temp. Range
Package
MIC922BC5
–40
°C to +85°C
SC-70
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Pin Description
Pin Number
Pin Name
Pin Function
1
IN+
Noninverting Input
2
V–
Negative Supply (Input)
3
IN–
Inverting Input
4
OUT
Output: Amplifier Output
5
V+
Positive Supply (Input)
Pin Configuration
IN+
V–
OUT
IN–
1
3
45
2
V+
A39
Part
Identification
SC-70
Functional Pinout
IN+
V–
OUT
IN–
1
3
45
2
V+
SC-70
Teeny is a trademark of Micrel, Inc.


Similar Part No. - MIC922

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC922BC5 MICREL-MIC922BC5 Datasheet
659Kb / 11P
230MHz Low-Power SC-70 Op Amp
MIC922YC5 MICREL-MIC922YC5 Datasheet
659Kb / 11P
230MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
230MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC922

ManufacturerPart #DatasheetDescription
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
logo
Micrel Semiconductor
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
45MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC920 MICREL-MIC920_06 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
45MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
230MHz Low-Power SC-70 Op Amp
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
Low Power Quad OP AMP
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com