Electronic Components Datasheet Search
  English  ▼

X  

MIC922 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC922
Description  230MHz Low-Power SC-70 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC922 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC922 Datasheet HTML 1Page - Micrel Semiconductor MIC922 Datasheet HTML 2Page - Micrel Semiconductor MIC922 Datasheet HTML 3Page - Micrel Semiconductor MIC922 Datasheet HTML 4Page - Micrel Semiconductor MIC922 Datasheet HTML 5Page - Micrel Semiconductor MIC922 Datasheet HTML 6Page - Micrel Semiconductor MIC922 Datasheet HTML 7Page - Micrel Semiconductor MIC922 Datasheet HTML 8Page - Micrel Semiconductor MIC922 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC922
Micrel
MIC922
4
March 2002
Test Circuits
2k
10k
10k
10k
0.1
µF
0.1
µF
0.1
µF
10
µF
50
Ω
50
Ω
50
Ω
0.1
µF
10
µF
All resistors:
1% metal film
Output
Input
Input
V+
V–
MIC922
4
5
3
1
2
BNC
BNC
BNC
PSRR vs. Frequency
R2 4k
S2
S1
0.1
µF
10
µF
0.1
µF
10
µF
10pF
10pF
V+
V–
MIC922
4
5
3
1
2
BNC
R4 27k
R3 27k
R1
20
Ω
R5
20
Ω
100pF
To
Dynamic
Analyzer
Noise Measurement
0.1
µF
10
µF
0.1
µF
10
µF
V+
V–
MIC922
4
5
3
1
2
BNC
R7c 2k
R7b 200
Ω
R7a 100
Ω
Input
R6
5k
R2
5k
R3
200k
R4
250
Ω
R5
5k
Output
R1 5k
BNC
All resistors 1%
VV
R2
R1
R2
R
R4
OUT
ERROR
=+
+
++


1
5
R7
CMRR vs. Frequency
V+
VIN
V–
MIC922
4
5
3
1
2
300
Ω
50
Ω
VOUT
FET Probe
CL
0.1
µF
10
µF
0.1
µF
10
µF
Closed Loop Frequency Response Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com