Electronic Components Datasheet Search
  English  ▼

X  

DN8522S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DN8522S
Description  Prescaler IC for CATV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8522S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DN8522S Datasheet HTML 1Page - Panasonic Semiconductor DN8522S Datasheet HTML 2Page - Panasonic Semiconductor DN8522S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Prescaler
1
DN8522S-A
Prescaler IC for CATV
s Overview
The DN8522S-A is 1.7 GHz prescaler IC for CATV.
It is made up of ECL flip-flop circuit which can be
switched to the dividing ratios of 64, 128 or 256.
s Features
• Power dissipation: 5 V, 26 mA
• To be switched to the dividing ratios of 64, 128 and 256
• ECL-level output
s Applications
• Television, VCR
SOP008-P-0225A
Unit: mm
4
8
5
0.3
4.2±0.3
6.5±0.3
1
s Block Diagram
VCC
VCC
2
Output
4
Input
1
Ref.
Buff. amp.
8
Switch
1/2
1/2
1/2
1/2
1/2
1/2
1/4
1/8
GND


Similar Part No. - DN8522S

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
DN85 ZETEX-DN85 Datasheet
162Kb / 6P
ZXSC400 1W/3W buck LED drivers
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
Prescaler IC for TV and VCR tuners
More results

Similar Description - DN8522S

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2798GR NEC-UPC2798GR Datasheet
160Kb / 24P
IF DOWN CONVERTOR IC FOR DIGITAL CATV
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
Prescaler IC for TV and VCR tuners
logo
TEMIC Semiconductors
U813BS TEMIC-U813BS Datasheet
93Kb / 7P
1.1-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
U833BS TEMIC-U833BS Datasheet
92Kb / 7P
1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U847BST TEMIC-U847BST Datasheet
54Kb / 5P
1.3-GHz Prescaler for CATV Tuners
logo
List of Unclassifed Man...
UPB1513TU ETC1-UPB1513TU Datasheet
549Kb / 10P
FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
Downconverter IC for Digital CATV
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
For Digital CATV Down Converter IC
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
Downconverter IC for Digital CATV
July, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com