Electronic Components Datasheet Search
  English  ▼

X  

DN8522S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN8522S
Description  Prescaler IC for CATV
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8522S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN8522S Datasheet HTML 1Page - Panasonic Semiconductor DN8522S Datasheet HTML 2Page - Panasonic Semiconductor DN8522S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DN8522S-A
Prescaler
2
Parameter
Symbol
Range
Unit
Supply voltage
VCC
4.5 to 5.5
V
s Recommended Operating Range
s Pin Descriptions
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
6.0
V
Supply current
ICC
40
mA
Power dissipation *
2
PD
160
mW
Operating ambient temperature *
1
Topr
−20 to +80
°C
Storage temperature *
1
Tstg
−55 to +125
°C
s Absolute Maximum Ratings
Note) 1. *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is for the IC package at Ta = 80°C
Pin No.
Description
1
Input pin
2
Supply voltage pin
3
Dividing ratio select pin: M1
4
Output pin
5
GND pin
6
Dividing ratio select pin: M2
7
N.C.
8
Bias (Ref.) pin
s Electrical Characteristics at T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
Supply current
ICC
VCC = 5 V
26
36
mA
Input frequency
fIN
VCC = 5.0 V, VIN = −15 dBm
0.6
1.7
GHz
Input signal level
VIN1
VCC = 5.0 V, Ta = −20°C to 80°C
−15
+3dBm
fIN = 0.6 GHz to 1.7 GHz
Output amplitude
VO
VCC = 5 V, fIN = 1.7 GHz
0.6
1.0
1.6
V[p-p]
VIN = −10 dBm, divided by 64
High-level input voltage
VIH
Dividing ratio select voltage pin 3,
0.7
×
V
pin 6
VCC
Low-level input voltage
VIL
Dividing ratio select voltage pin 3,

0.2
×
V
pin 6
VCC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com