Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 4 Page - Texas Instruments

  TLV3603 Datasheet HTML 1Page - Texas Instruments TLV3603 Datasheet HTML 2Page - Texas Instruments TLV3603 Datasheet HTML 3Page - Texas Instruments TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Input Supply Voltage: VCC – VEE
–0.3
6
V
Input Voltage (IN+, IN–)(2)
VEE – 0.3
VCC + 0.3
V
Differential Input Voltage (VDI = IN+ – IN–)
–(VCC – VEE + 0.3) + (VCC –VEE + 0.3)
V
Output Voltage (OUT)(3)
VEE – 0.3
VCC + 0.3
V
Latch and Hysteresis Control (LE/HYS)
VEE – 0.3
VCC + 0.3
V
Current into Input pins (IN+, IN–, LE/HYS)(2)
±10
mA
Current into Output pins (OUT)(3)
±50
mA
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3 V beyond the supply rails must
be current-limited to 10 mA or less.
(3)
Output terminals are diode-clamped to the power-supply rails. Output signals that can swing more than 0.3 V beyond the supply rails
must be current-limited to 50 mA or less.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input Supply Voltage: VCC – VEE
2.4
5.5
V
Input Voltage Range (IN+, IN–)
VEE – 0.3
VCC + 0.3
V
Latch and Hysteresis Control (LE/HYS)
VEE – 0.3
VCC + 0.3
V
Ambient temperature, TA
–40
125
°C
6.4 Thermal Information
THERMAL METRIC
TLV3601
TLV3601
TLV3603
UNIT
DCK (SC70)
DBV (SOT-23)
DCK (SC70)
5 PINS
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
187.5
176.5
165.1
°C/W
Rθ
JC(top)
Junction-to-case (top) thermal resistance
139.2
74.7
129.1
°C/W
Rθ
JC(bottom
)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
°C/W
RθJB
Junction-to-board thermal resistance
65.8
43.4
58.9
°C/W
ψJT
Junction-to-top characterization parameter
43.0
16.7
39.4
°C/W
ψJB
Junction-to-board characterization parameter
65.5
43.1
58.7
°C/W
TLV3601, TLV3603
SNOSDB1B – JUNE 2021 – REVISED NOVEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com