Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 2 Page - Texas Instruments

  TLV3603 Datasheet HTML 1Page - Texas Instruments TLV3603 Datasheet HTML 2Page - Texas Instruments TLV3603 Datasheet HTML 3Page - Texas Instruments TLV3603 Datasheet HTML 4Page - Texas Instruments TLV3603 Datasheet HTML 5Page - Texas Instruments TLV3603 Datasheet HTML 6Page - Texas Instruments TLV3603 Datasheet HTML 7Page - Texas Instruments TLV3603 Datasheet HTML 8Page - Texas Instruments TLV3603 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Timing Diagrams ........................................................6
6.7 Typical Characteristics................................................ 7
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 15
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 17
8.1 Application Information............................................. 17
8.2 Typical Application.................................................... 18
9 Power Supply Recommendations................................22
10 Layout...........................................................................23
10.1 Layout Guidelines................................................... 23
10.2 Layout Example...................................................... 23
11 Device and Documentation Support..........................24
11.1 Device Support........................................................24
11.2 Receiving Notification of Documentation Updates.. 24
11.3 Support Resources................................................. 24
11.4 Trademarks............................................................. 24
11.5 Electrostatic Discharge Caution.............................. 24
11.6 Glossary.................................................................. 24
12 Mechanical, Packaging, and Orderable
Information.................................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (August 2021) to Revision B (November 2021)
Page
• Remove Preview from TLV3603......................................................................................................................... 1
• Add DBV package option for TLV3601 in Preview ............................................................................................ 1
• Added typical performance curves..................................................................................................................... 7
Changes from Revision * (June 2021) to Revision A (August 2021)
Page
• Production Data Release....................................................................................................................................1
TLV3601, TLV3603
SNOSDB1B – JUNE 2021 – REVISED NOVEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com