Electronic Components Datasheet Search
  English  ▼

X  

DN8690 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DN8690
Description  4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8690 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DN8690 Datasheet HTML 1Page - Panasonic Semiconductor DN8690 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s Overview
The DN8690 is a 4-circuit non-inverting type driver array
composed of PNP transistors and 1.5A NPN Darlington transis-
tors.
s Features
• 4 circuits
• High breakdown voltage : V
CE(SUS) = 60V (min)
• Large output current : I
O = 1.5A (max)
• Built-in output clamp diode : V
R = 60V(min)
IF = 1.5A(max)
• Low active input
• Directly connectable to the 5V TTL/CMOS
s Applications
• Driving of the printer motors, etc.
• Driving of the LEDs, lamps, and various relays
s Block Diagram
1
Others
DN8690
4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large
Drive Current : 1.5A)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
3
∼15˚
Unit : mm
6.2
±0.3
5.2
±0.25
16-pin DIL Plastic Package (DIP016-P-0300D)
3.05
±0.25
7.62
±0.25
0.3
+ 0.1
– 0.05
1.1
±0.25
I
Q1
Q2
Q3
Q5
VCC
Common
Q
Q4
R1
R3
R5
R4
R2
8k
Ω
1.2k
Ω
5k
Ω
1k
Ω
20k
Ω
s Schematic Circuit (1 Circuit)
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
Common
Q1
I1
GND
GND
I2
N. C.
Q2
Q4
I4
VCC
GND
GND
I3
Q3
Common
9
Input (In)
Output (Qn)
s Function Table
L
H
OPEN
L
H
H
Symbol
Pin name
s Pin Descriptions
Common
Q1 to Q4
I1 to I4
GND
VCC
NC
Clamp diode pin
Output pin
Input pin
Ground pin
Power pin
No connection


Similar Part No. - DN8690

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
More results

Similar Description - DN8690

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
logo
Allegro MicroSystems
7003 ALLEGRO-7003 Datasheet
144Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAY
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205_08 Datasheet
78Kb / 3P
High-Voltage, Large-Current Darlington Driver
LB1205M SANYO-LB1205M_08 Datasheet
75Kb / 3P
High-Voltage, Large-Current Darlington Driver
logo
ON Semiconductor
2SA1709 ONSEMI-2SA1709 Datasheet
623Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
LB1205 ONSEMI-LB1205 Datasheet
76Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
EN1831 ONSEMI-EN1831 Datasheet
82Kb / 4P
High-Voltage, Large-Current Darlington Driver
March, 2014
LB1205M ONSEMI-LB1205M Datasheet
72Kb / 3P
High-Voltage, Large-Current Darlington Driver
August, 2013
logo
Unisonic Technologies
ULN2012 UTC-ULN2012 Datasheet
186Kb / 6P
HIGH VOLTAGE HIGH CURRENT DARLINGTON ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com