Electronic Components Datasheet Search
  English  ▼

X  

DN8690 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN8690
Description  4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8690 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN8690 Datasheet HTML 1Page - Panasonic Semiconductor DN8690 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Others
DN8690
VCC
VCE (sus)
IO
VI
VR
IF
PD
Topr
Tstg
Supply voltage
Output breakdown
Output current
Input voltage
Clamp diode breakdown
Clamp diode forward current
Power dissipation
Operating ambient temperature
Storage temperature
V
V
A
V
V
A
W
˚C
˚C
7.0
60
1.5
0 to 30
60
1.5
2.0
– 20 to + 75
– 55 to + 150
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta =25˚C)
Input voltage
VIH
30
V
VCC = 3.5 to 7V
VIL
V
VCC = 3.5 to 7V
VCE (sat) 1
1.2
V
VI = 0V, IO = 0.5A
Output saturation voltage
VCE (sat) 2V
VI = 0V, IO = 1A
VCE (sat) 3V
VI = 0V, IO = 1.5A
mA
VCC = 7V, VI = 0V
Input current
II
V
IO = 100
µA
Output breakdown
VCE (sus)
µA
VCC = 7V, Total VI = 7V
Supply current
ICCH
mA
ICCL
V
VCC = 7V, VI = 0V (1 circuit)
Clamp diode forward voltage
VF
µA
IF = 1.5A
30
3.0
50
8.0
1.5
VCC – 2.6
2.0
1.0
VCC – 0.3
0
60
Clamp diode reverse current
IR
VR = 60V, VO = 0V
µs
0.2
VM = 60V, RI = 50
Ω
Propagation delay time
tPHL
µs
5.0
tPLH
VCC = 5V, CI = 15pF
Parameter
Symbol
Condition
min
typ
max
Unit
s Electrical Characteristics (VCC= 5V, Ta= 25˚C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com