Electronic Components Datasheet Search
  English  ▼

X  

NDS352AP Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDS352AP
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDS352AP Datasheet(HTML) 1 Page - ON Semiconductor

  NDS352AP Datasheet HTML 1Page - ON Semiconductor NDS352AP Datasheet HTML 2Page - ON Semiconductor NDS352AP Datasheet HTML 3Page - ON Semiconductor NDS352AP Datasheet HTML 4Page - ON Semiconductor NDS352AP Datasheet HTML 5Page - ON Semiconductor NDS352AP Datasheet HTML 6Page - ON Semiconductor NDS352AP Datasheet HTML 7Page - ON Semiconductor NDS352AP Datasheet HTML 8Page - ON Semiconductor NDS352AP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 1997
December, 2021 − Rev. 5
1
Publication Order Number:
NDS352AP/D
P-Channel Logic Level
Enhancement Mode Field
Effect Transistor
NDS352AP
General Description
These P −Channel logic level enhancement mode power field effect
transistors are produced using onsemi’s proprietary, high cell density,
DMOS technology. This very high density process is especially
tailored to minimize on− state resistance. These devices are
particularly suited for low voltage applications such as notebook
computer power management, portable electronics, and other battery
powered circuits where fast high−side switching, and low in− line
power loss are needed in a very small outline surface mount package.
Features
• −0.9 A, −30 V
♦ RDS(on) = 0.5 W @ VGS = −4.5 V
♦ RDS(on) = 0.3 W @ VGS = −10 V
• Industry Standard Outline SOT−23 Surface Mount Package Using
Proprietary SUPERSOT
t−3 Design for Superior Thermal and
Electrical Capabilities
• High Density Cell Design for Extremely Low RDS(on)
• Exceptional On−Resistance and Maximum DC Current Capability
• This is a Pb−Free Device
MARKING DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
NDS352AP
SOT−23−3/
SUPERSOT−23
(Pb−Free)
3000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT−23/SUPERSOT−23, 3 LEAD, 1.4x2.9
CASE 527AG
S
D
G
M = Date Code
352A(M)
Drain
Gate
Source
12
3
P−Channel MOSFET
G
D
S


Similar Part No. - NDS352AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS352AP FAIRCHILD-NDS352AP Datasheet
78Kb / 6P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
NDS352AP KEXIN-NDS352AP Datasheet
1Mb / 5P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
NDS352AP-NL VBSEMI-NDS352AP-NL Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - NDS352AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDP6030PL FAIRCHILD-NDP6030PL Datasheet
56Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P2003EVG ETC2-P2003EVG Datasheet
293Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
P8006EVG ETC2-P8006EVG Datasheet
296Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
STU437S SAMHOP-STU437S Datasheet
121Kb / 10P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
NIKO SEMICONDUCTOR CO.,...
PE5A1BA NIKOSEM-PE5A1BA Datasheet
271Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PK5A7BA NIKOSEM-PK5A7BA Datasheet
346Kb / 9P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PV521BA NIKOSEM-PV521BA Datasheet
277Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
PZ0703EK NIKOSEM-PZ0703EK Datasheet
270Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
P1306EK NIKOSEM-P1306EK Datasheet
357Kb / 5P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV1.0
PZ5G7EA NIKOSEM-PZ5G7EA Datasheet
340Kb / 4P
P-Channel Logic Level Enhancement Mode Field Effect Transistor
REV 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com