Electronic Components Datasheet Search
  English  ▼

X  

2SC3838 Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # 2SC3838
Description  20V Matched Pair NPN Small Signal Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SC3838 Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  2SC3838 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SC3838
20V Matched Pair
NPN Small Signal Transistors
Document No.: F51849S
27-NOV-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
4/9
3-5. Ratings and Characteristics Curve
Fig 1. Typical DC Current Gain vs. Collector Current
V CE = 10V
T A = 25°C
Fig 2. Gain Bandwidth Product vs. Emitter Current
I C, Collector Current (mA)
Fig 5. Collector-Base Time Constance
vs. Collector Current
Fig 6. Noisfactor
vs. Collector Current Characteristics
I C, Collector Current (mA)
I C, Collector Current (mA)
I C, Collector Current (mA)
Fig 3. Typical Collector-Emitter Saturation Voltage
vs. Collector Current
I C, Collector Current (mA)
V CB, Collector-Base Voltage (V)
Fig 4. Input and Output Capacitance
vs. Collector-Base Voltage
f = 31.8 MHZ
T A = 25°C
V CE = 10V
f = 500 MHZ
T A = 25°C
V CE = 6V
V CE = 10V
T A = 25°C
I C
/ I
B = 10
I C
/ I
B = 2
f = 1MHZ
C IBO
C OBO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com