Electronic Components Datasheet Search
  English  ▼

X  

2SC3838 Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # 2SC3838
Description  20V Matched Pair NPN Small Signal Transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SC3838 Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  2SC3838 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd 2SC3838 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC3838
20V Matched Pair
NPN Small Signal Transistors
Document No.: F51849S
27-NOV-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
5/9
4. Soldering Parameters



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com