Electronic Components Datasheet Search
  English  ▼

X  

AD7657BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7657BSTZ
Description  250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7657BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7657BSTZ Datasheet HTML 15Page - Analog Devices AD7657BSTZ Datasheet HTML 16Page - Analog Devices AD7657BSTZ Datasheet HTML 17Page - Analog Devices AD7657BSTZ Datasheet HTML 18Page - Analog Devices AD7657BSTZ Datasheet HTML 19Page - Analog Devices AD7657BSTZ Datasheet HTML 20Page - Analog Devices AD7657BSTZ Datasheet HTML 21Page - Analog Devices AD7657BSTZ Datasheet HTML 22Page - Analog Devices AD7657BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Preliminary Technical Data
AD7658/AD7657/AD7656
Rev. PrI | Page 19 of 25
conversion is ± 2 x VREF. When the RANGE pin is a logic low
at the falling edge of the BUSY signal the range for the next
conversion is ± 4 x VREF.
Changing the Analog Input Range(H/S SEL=1)
When the H/S SEL pin is high the range can be changed by
writing to the Control Register. DB12:10 in the Control Register
are used to select the Analog input Ranges for the next
conversion. Each Analog input pair has an associated range bit,
allowing independent ranges to be programmed on each ADC
pair. When the RNGX bit is 1 the Range for the next conversion
is ±2 x VREF. When the RNGX bit is 0 the range for the next
conversion is ±4 x VREF.
SERIAL INTERFACE (SER/PAR = 1)
By pulsing one, two or all three CONVSTX signals the
AD7658/AD7657/AD7656 will simultaneously convert the
selected channel pairs on the rising edge of CONVSTX. The
simultaneous conversions on the selected ADCs are performed
using the on-chip trimmed oscillator. After the rising edge of
CONVSTX the BUSY signal goes high to indicate the
conversion has started. It returns low when the conversion is
complete 3 µs later. The output register will be loaded with the
new conversion results and data can be read from the
AD7658/AD7657/AD7656. To read the data back from the
AD7658/AD7657/AD7656 over the serial interface SER/PAR
should be tied high. The CS and SCLK signal are used to
transfer data from the AD7658/AD7657/AD7656. The
AD7658/AD7657/AD7656 has three DOUT pins, DOUTA,
DOUTB, DOUTC. Data can be read back from the
AD7658/AD7657/AD7656 using one, two or all three DOUT
lines. Figure 9 shows six simultaneous conversions and the read
sequence using three DOUT lines. In figure 8, 32 SCLK
transfers are used to access data from the
AD7658/AD7657/AD7656, two 16 SCLK transfers individually
framed with the CS signal can also be used to access the data on
the three DOUT lines. When operating the
AD7658/AD7657/AD7656 in serial mode with conversion data
being clocked out on all three DOUT line DB0-DB2 should be
tied to VDRIVE. These pins are used to enable the DOUTA –
DOUTC lines respectively.
If it is required to clock conversion data out on two data out
lines then DOUTA and DOUTB should be used. Again to
enable DOUTA and DOUTB, DB0 and DB1 should be tied to
VDRIVE and DB2 should be tied low. When six simultaneous
conversions are performed and only two DOUT lines are used,
a 48 SCLK transfer can be used to access the data from the
AD7658/AD7657/AD7656. The read sequence is shown in
Figure 10 for a simultaneous conversion on all six ADCs using
two DOUT lines. If a simultaneous conversion occurred on all
six ADCs and only two DOUT lines are used to read the results
from the AD7658/AD7657/AD7656, DOUTA will clock out the
result from V1, V2 and V5, while DOUTB will clock out the
results from V3,V4 and V6.
Data can also be clocked out using just one DOUT line, in this
case DOUTA should be used to access the conversion data. To
configure the AD7658/AD7657/AD7656 to operate in this
mode then DB0 should be tied to VDRIVE, DB1 and DB2 should
be tied low. The penalty for using just one DOUT line is the
throughput rate will be reduced. Data can be accessed from the
AD7658/AD7657/AD7656 using one 96 SCLK transfer, three 32
SCLK individually framed transfers or six 16 SCLK individually
framed transfers. In Serial mode the RD signal should be tied
low.
V1
V2
CONVST A,B,C
BUSY
CS
DOUTA
tCONV
DOUTB
DOUTC
tQUIET
32
V3
V4
V5
V6
SCLK
tACQ
16
Figure 9. Serial Interface with three DOUT lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com