Electronic Components Datasheet Search
  English  ▼

X  

SSD1730 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SSD1730
Description  SSD1730 MLA Power Chip CMOS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1730 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SSD1730 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SSD1730
Rev 2.0
04/2002
SOLOMON
11
Output Timing Characteristics
LP pulse width = 1000ns, -V1 = VEE + 0.6V, 6X step-up mode application
Symbol
Parameter
Min
Typ
Max
Unit
tFRr
FR/XFR Signal Rise Delay Time (with loading =
50pF)
330
--
3300
ns
tFRf
FR/XFR Signal Fall Delay Time (with loading =
50pF)
330
--
3300
ns
tABr
AB Signal Rise Delay Time
230
--
2000
ns
tAbf
AB Signal Fall Delay Time
180
--
1900
ns
tXBBr
XBB Signal Rise Delay Time
130
--
1100
ns
tXBBf
XBB Signal Fall Delay Time
280
--
3200
ns
tOFFr
Rising Edge Output Phase Differential Time
1000
--
2400
ns
tOFFf
Falling Edge Output Phase Differential Time
1000
--
2200
ns
tC7Nr
C7N Signal Rising Edge Delay Time
270
--
2400
ns
tC7Nf
C7N Signal Falling Edge Delay Time
490
--
3800
ns
Table 13 - Output Timing Characteristics
LP
FR
XFR
AB
XBB
tFRr
tFRf
tABr
tXBB r
tO FFr
tC7 Nf
tABf
tXBBf
tOFFf
tC7N r
tC7N r
C7N
VSS
VL
VL
VSS
VSS-1. 0V
VL+1.0V
tC7N f
Figure 4 - Output Timing Characteristics
-V1
-V1
-V1+1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com