Electronic Components Datasheet Search
  English  ▼

X  

SSD1730 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SSD1730
Description  SSD1730 MLA Power Chip CMOS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1730 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SSD1730 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1730 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SSD1730
Rev 2.0
04/2002
SOLOMON
3
5. FUNCTIONAL BLOCK DESCRIPTIONS
LCD
Polarity Reverse Signal Generator
This circuit generates the polarity reverse signals FR and XFR from the pulse signal LP. The polarity reversal interval is
controlled by four pins L0, L1, L2 & L3 and the range is from 2P to 17P (1P is equal to one LP period), Table 15 shows
their relationship. The polarity of the FR signal and the XFR signal are mutually opposite, so that the upper and lower
screens can be driven mutually in opposite phases when a two-screen drive panel is used.
Clock Signal Generator
This circuit generates the clock for the charge pump from the pulse signal LP. When the display control signal XSLP is
set to VSS, the clock will stop and the voltage converter will halt. For normal display mode, XSLP must be tied to
VDD_PWR. Besides, this circuit also generates the signals AB & XBB which are the clocks for the column driver voltage
generator and the row driver voltage generator. Figure 7 shows their timing characteristics.
-V1 Discharge Circuit
When the display is off or the power is off, this circuit will discharge the residual charges at the negative voltage level-side
power supply voltage terminal –V1 of the row driver.
Column Driver Voltage Generator
This circuit accompanying with external components generates voltages for column driver.
In SSD1730, three voltage
outputs including V2, -V2 and -V3 will be generated and their voltage levels are based on the supply voltage VDD_PWR.
Their relationship is V2 = VDD_PWR/2, -V2 = -(VDD_PWR/2) and –V3 = -VDD_PWR.
Row Driver Voltage Generator
This voltage generator consists of three circuits (1) Row driver voltage conversion circuit, (2) VDD_ROW voltage
generator and (3) +V1 voltage generator.
Row Driver Voltage Conversion Circuit
This circuit generates VEE voltage which is used to generate +V1 & -V1 power supply voltages for row
driver. There are two step-up modes 5X and 6X which are set by the HC pin. When HC pin is tied to VSS, 5X
step-up mode is chosen. When HC pin is tied to -V3B, 6X step-up mode is chosen.
In SSD1730, VDD_PWR is taken as the reference, VEE is equal to -4 x VDD_PWR at 5X step-up mode
while VEE is equal to -5 x VDD_PWR at 6X step-up mode.
For the contrast adjustment, it is performed through the use of an external emitter follower circuit to adjust
VEE to generate –V1, this contrast control circuit is shown in Figure 9.
VDD_ROW Voltage Generator
VDD_ROW voltage generator is used to generate VDD_ROW, which is the power supply to the logic circuit
of a row driver.
+V1 Voltage Generator
+V1 voltage generator accompanies with an external MOS transistor to generate +V1 voltage, which is
required for the row driver. Figure 10 shows the accompanying external circuit for generating +V1 voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com