Electronic Components Datasheet Search
  English  ▼

X  

0921 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0921
Description  IEC Connector C19, Rewireable, Straight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0921 Datasheet(HTML) 3 Page - Schurter Inc.

  0921 Datasheet HTML 1Page - Schurter Inc. 0921 Datasheet HTML 2Page - Schurter Inc. 0921 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Cord Connectors (Rewireable)
0921
https://www.schurter.com /PG07
Connectors
Mating Inlets/Plugs
Category / Description
Appliance Inlet Overview complete
1601, Mounting: Screw, Solder terminal straight, IP20, Appliance Inlet, C20
1601
4793, Mounting: Snap-in, IP30, Appliance Inlet: IEC C20, Suitable for appliances with protection class I or II
4793
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1621
IEC Inlet Filter Overview complete
IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130
C20F, Mounting: Screw Front-/Rear-Side, Filter: Standard and Medical Version, Capacitor: X2, 16 A, Solder / quick
connect / wires (stranded), prewired
C20F
C22F, Mounting: Screw Front-/Rear-Side, Filter: Standard and Medical Version, Capacitor: X2, 16 A, Solder / quick
connect / wires (stranded), prewired
C22F
Plug Overview complete
4796, Mounting: Power Cord, Cable, Plug: IEC I
4796
4789, Mounting: Power Cord, Screw, Plug: IEC I
4789
0922, Mounting: Power Cord, Wire connections 3 x (16-12AWG), Plug: IEC I
0922
Power Entry Module Overview complete
EC11, Mounting: Screw, Rocker switch: non-illuminated or illuminated 2-pole, Appliance Inlet IEC C20, Quick connect
terminals 6.3 x 0.8 mm, prewired
EC11
Power Entry Module with line filter Overview complete
IEC Appliance Inlet C20 with Filter, Circuit Breaker TA45 (recessed)
EF12
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com