Electronic Components Datasheet Search
  English  ▼

X  

0921 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0921
Description  IEC Connector C19, Rewireable, Straight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0921 Datasheet(HTML) 1 Page - Schurter Inc.

  0921 Datasheet HTML 1Page - Schurter Inc. 0921 Datasheet HTML 2Page - Schurter Inc. 0921 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Cord Connectors (Rewireable)
0921
https://www.schurter.com /PG07
Connectors
IEC Connector C19, Rewireable, Straight
Rewireable connector
Example with assembled cable
See below:
Approvals and Compliances
C19
70° C
Description
- Cord Connector :
Screw-on mounting
- 1 Function :
- Connector , Pin temperature 70 °C , Protection class I
- Wire accomodation: Nordamerica 16/3 SJ to 12/3 SJ (.275" to .475"
cable diameter), International (HAR cord) 3x1.5mm² bis 3x2.5mm² (8-
12mm cable diameter)
Characteristics
- Suitable for use in equipment according to IEC/UL 62368-1
Weblinks
pdf data sheet, html datasheet, General Product Information, Approvals,
Distributor-Stock-Check, Accessories, Detailed request for product
Technical Data
Ratings IEC
16 A / 250 VAC; 50 Hz
Ratings UL/CSA
20 A / 250 VAC; 60 Hz
Dielectric Strength
> 2 kVAC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Tempe-
rature
-25 °C to 70 °C
Protection against electric
shock
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Wire connections 3 x (16-12AWG)
Material: Housing
Thermoplastic, black, UL 94V-0
Appliance inlet/-outlet
C19 acc. to IEC 60320-1
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 16 A,
Protection Class I
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: 0921
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E96454
CSA Approvals
CSA
CSA Certification Record: 702825


Similar Part No. - 0921

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0921 SCHURTER-0921 Datasheet
203Kb / 1P
IEC cord connector C19, rewirable, straight
0921 SCHURTER-0921 Datasheet
232Kb / 3P
IEC Connector C19, Rewireable, Straight
0921 SCHURTER-0921 Datasheet
231Kb / 3P
IEC Connector C19, Rewireable, Straight
logo
DESCO INDUSTRIES INC
09210 DESCO-09210 Datasheet
317Kb / 1P
JEWEL MAGSNAP® WHITE METAL ADJUSTABLE WRIST STRAPS
September 2014
logo
HARTING Technology Grou...
09210009906 HARTING-09210009906 Datasheet
445Kb / 1P
FPM Seal for Han 3A Insert
2021-10-01
More results

Similar Description - 0921

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0104 SCHURTER-0104 Datasheet
461Kb / 4P
IEC Connector C19, Rewireable, Straight
1652 SCHURTER-1652 Datasheet
417Kb / 3P
IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U Datasheet
333Kb / 4P
IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795_18 Datasheet
337Kb / 4P
IEC Connector C19, Rewireable, Straight
0104U_1804 SCHURTER-0104U_1804 Datasheet
333Kb / 4P
IEC Connector C19, Rewireable, Straight
0921_1802 SCHURTER-0921_1802 Datasheet
232Kb / 3P
IEC Connector C19, Rewireable, Straight
0921 SCHURTER-0921_21 Datasheet
231Kb / 3P
IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U_21 Datasheet
298Kb / 3P
IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795_21 Datasheet
338Kb / 4P
IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U_V01 Datasheet
299Kb / 3P
IEC Connector C19, Rewireable, Straight
10.12.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com