Electronic Components Datasheet Search
  English  ▼

X  

0804173 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0804173
Description  Socket - EO-AB/PT/S/15
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804173 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0804173 Datasheet HTML 1Page - PHOENIX CONTACT 0804173 Datasheet HTML 2Page - PHOENIX CONTACT 0804173 Datasheet HTML 3Page - PHOENIX CONTACT 0804173 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0804173
01/21/2022   Page 3 / 4
Socket - EO-AB/PT/S/15 - 0804173
Classifications
UNSPSC
UNSPSC 18.0
39121406
UNSPSC 19.0
39121406
UNSPSC 20.0
39121406
UNSPSC 21.0
39121406
Approvals
Approvals
Approvals
UL Listed / cUL Listed / EAC-RoHS / EAC / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 E238705
 
 
Nominal voltage UN
125 V
Nominal current IN
15 A
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 
EAC-RoHS 
 
 RU D-
DE.HB49.B.00025
EAC 
 
 RU C-
DE.BL08.B.00511
cULus Listed 
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com