Electronic Components Datasheet Search
  English  ▼

X  

0804173 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804173
Description  Socket - EO-AB/PT/S/15
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804173 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804173 Datasheet HTML 1Page - PHOENIX CONTACT 0804173 Datasheet HTML 2Page - PHOENIX CONTACT 0804173 Datasheet HTML 3Page - PHOENIX CONTACT 0804173 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/0804173
01/21/2022   Page 1 / 4
Socket - EO-AB/PT/S/15 - 0804173
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Socket, Pin connector pattern type AB 15A, Push-in spring connection, for USA and other countries, switch,
gray, for mounting on a DIN rail in the service interface or direct mounting, 125 V AC, 15 A, -60 °C, 105 °C,
UL 508
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4055626226941
Technical data
Dimensions
Width
45 mm
Height
75 mm
Depth
57.5 mm
Ambient conditions
Ambient temperature (operation)
-60 °C ... 105 °C (max. short-term operating temperature RTI Elec.)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to +70 °C)
General
Nominal voltage UN
125 V AC (60 Hz)
Nominal current IN
15 A
Status display
No
Contact material
CuZn37
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Standards/regulations
UL 508


Similar Part No. - 0804173

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804171 PHOENIX-0804171 Datasheet
270Kb / 8P
EO-AB/PT/LED/F - Socket
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
0804177 PHOENIX-0804177 Datasheet
277Kb / 8P
EO-AB/PT/LED/DUO/15 - Double socket
0804179 PHOENIX-0804179 Datasheet
374Kb / 9P
EO-AB/UT/SH/LED/DUO/V/GFI/15 - Socket
More results

Similar Description - 0804173

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755716 PHOENIX-1755716 Datasheet
97Kb / 4P
PT 1,5/15-PH-5,0
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
2904286 PHOENIX-2904286 Datasheet
70Kb / 5P
Passive module - VIP-2/PT/FLK50/AB-1756
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com