Electronic Components Datasheet Search
  English  ▼

X  

HID2872 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # HID2872
Description  Solenoid Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2872 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  HID2872 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Solenoid Driver
HiD2872
< 2-channel isolated barrier
< 24 V DC supply (bus or loop powered)
< Output 40 mA at 12 V DC, 55 mA current limit
< Contact or logic control input
< Entity parameter Io/Isc = 110 mA
< Line fault detection (LFD)
< Up to SIL 2 acc. to IEC/EN 61508 (bus powered)
< Up to SIL 3 acc. to IEC/EN 61508 (loop powered)
Function
This isolated barrier is used for intrinsic safety applications.
It supplies power to solenoids, LEDs, and audible alarms, located in a hazardous area.
It is controlled with a loop-powered control signal, switch contact, transistor, or logic signal.
At full load, 12 V at 40 mA (with 55 mA current limit) is available for the hazardous area application.
An alternative low current output is available for driving a single LED without installing an external current limiting resistor.
Line fault detection of the field circuit is indicated by a red LED and an output on the fault bus.
This device mounts on a HiD Termination Board.
Connection
HiD2872
Zone 0, 1, 2
Div. 1, 2
+
-
+
-
+
-
+
-
I
I
II
II
V
V
V
V
SL2
7a
5a
5b
SL1
8a
7a
8b
7b
3b
1a
1b
10a
9a
9b
10b
24V DC
FAULT
1a, 1b
2a, 2b
6b
11
14
1
5
2
4
12
15
13
16
7
+
-
+
+
-
+ 6
17
18
+
-
+
-
-
+
Termination Board
Technical Data
General specifications
Signal type
Digital Output
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 3
Supply
Connection
SL1: 1a(-), 1b(-); 2a(+), 2b(+)
Rated voltage
Ur
20.4 ... 30 V DC loop powered
20.4 ... 30 V DC bus powered via Termination Board
Input current
62 mA at 24 V, 300 Ω load (per channel)
Power dissipation
1 W at 24 V, 300 Ω load (per channel)
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - HID2872

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HID2876 PF-HID2876 Datasheet
813Kb / 5P
Solenoid Driver
More results

Similar Description - HID2872

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HIC2873 PF-HIC2873 Datasheet
733Kb / 5P
Solenoid Driver
HIC2877 PF-HIC2877 Datasheet
729Kb / 5P
Solenoid Driver
HIC2883 PF-HIC2883 Datasheet
947Kb / 6P
Solenoid Driver
HIC2871A PF-HIC2871A Datasheet
778Kb / 4P
Solenoid Driver
KCD0-SD-EX1.1245 PF-KCD0-SD-EX1.1245 Datasheet
898Kb / 4P
Solenoid Driver
KCD0-SD3-EX1.1045 PF-KCD0-SD3-EX1.1045 Datasheet
884Kb / 4P
Solenoid Driver
KCD2-SLD-EX1.1045 PF-KCD2-SLD-EX1.1045 Datasheet
1Mb / 5P
Solenoid Driver
KCD2-SLD-EX1.1065 PF-KCD2-SLD-EX1.1065 Datasheet
1Mb / 5P
Solenoid Driver
KFD2-SLD-EX1.13100 PF-KFD2-SLD-EX1.13100 Datasheet
1Mb / 6P
Solenoid Driver
2021-11-25
KFD2-VM-EX1.35.L PF-KFD2-VM-EX1.35.L Datasheet
1Mb / 4P
Solenoid Driver
2021-11-25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com