Electronic Components Datasheet Search
  English  ▼

X  

HID2872 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # HID2872
Description  Solenoid Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2872 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  HID2872 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HID2872 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
EU-type examination certificate
CESI 10 ATEX 036
Marking
1
II (1)G [Ex ia Ga] IIC
1
II (1)D [Ex ia Da] IIIC
1
I (M1) [Ex ia Ma] I
Output
Ex ia Ga, Ex ia Da, Ex ia Ma
Voltage
Uo
26 V
Current
Io
110 mA
Power
Po
715 mW
Supply
Maximum safe voltage
Um
253 V AC (Attention! Um is no rated voltage.)
Certificate
PF 10 CERT 1729 X
Marking
1
II 3G Ex nA IIC T4 Gc
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012 , EN 60079-15:2010
International approvals
CSA approval
Control drawing
366-005CS-12B (cCSAus)
IECEx approval
IECEx certificate
IECEx CES 10.0013
IECEx marking
[Ex ia Ga] IIC, [Ex ia Da] IIIC, [Ex ia Ma] I
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Assembly
HiD
2872
2 ch
Solenoid
Driver
PWR
FAULT
STATUS
CH 2
CH 1
LED red:
Fault channel 1
Front view
LED green:
Power supply channel 1
LED yellow:
Status output channel 1
LED red:
Fault channel 2
LED green:
Power supply channel 2
LED yellow:
Status output channel 2
Switch 1 ... 8
channel 1
Switch 1 ... 8
channel 2
Place for
labeling
Solenoid Driver
HiD2872
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com