Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara??Microcontrollers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2732 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 35Page - Texas Instruments AM2732 Datasheet HTML 36Page - Texas Instruments AM2732 Datasheet HTML 37Page - Texas Instruments AM2732 Datasheet HTML 38Page - Texas Instruments AM2732 Datasheet HTML 39Page - Texas Instruments AM2732 Datasheet HTML 40Page - Texas Instruments AM2732 Datasheet HTML 41Page - Texas Instruments AM2732 Datasheet HTML 42Page - Texas Instruments AM2732 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Table 6-3. Signal Descriptions (continued)
FUNCTION
BALL
NUMBER
SIGNAL
NAME
TYPE
DEFAULT
PULL
STATUS
BUFFER
TYPE
DESCRIPTION
Power, 1.2V
Core Digital
L5
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
J5
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
G5
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
N6
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
L6
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
J6
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
G6
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
R9
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
P9
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
F9
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
E9
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
R11
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
P11
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
F11
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
E11
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
N14
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
L14
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
J14
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
G14
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
N15
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
L15
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
J15
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
G15
VDD
–
–
Power
1.2V Core Digital Power
Power, 1.2V
Core Digital
N17
VDD_SRAM1
–
–
Power
1.2V SRAM Digital Power
Power, 1.2V
Core Digital
J3
VDD_SRAM2
–
–
Power
1.2V SRAM Digital Power
Power, 1.2V
Core Digital
T8
VDD_SRAM3
–
–
Power
1.2V SRAM Digital Power
www.ti.com
AM2732
SWRS245 – DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM2732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com