Electronic Components Datasheet Search
  English  ▼

X  

AM2732 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AM2732
Description  AM273x Sitara??Microcontrollers
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2732 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM2732 Datasheet HTML 36Page - Texas Instruments AM2732 Datasheet HTML 37Page - Texas Instruments AM2732 Datasheet HTML 38Page - Texas Instruments AM2732 Datasheet HTML 39Page - Texas Instruments AM2732 Datasheet HTML 40Page - Texas Instruments AM2732 Datasheet HTML 41Page - Texas Instruments AM2732 Datasheet HTML 42Page - Texas Instruments AM2732 Datasheet HTML 43Page - Texas Instruments AM2732 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
Table 6-3. Signal Descriptions (continued)
FUNCTION
BALL
NUMBER
SIGNAL
NAME
TYPE
DEFAULT
PULL
STATUS
BUFFER
TYPE
DESCRIPTION
Power, 1.2V
Core Digital
N18
VNWA
–
–
Power
1.2V N-well bias
Power, 1.8V
ADC
R3
VIOIN_18ADC
–
–
Power
1.8V ADC Power
Power, 1.8V
Clocking
U2
VIOIN_18CLK
–
–
Power
1.8V Clock Power
Power, 1.8V I/O
M4
VIOIN_18
–
–
Power
1.8V Digital I/O Power
Power, 1.8V I/O
H4
VIOIN_18
–
–
Power
1.8V Digital I/O Power
Power, 1.8V I/O
T14
VIOIN_18
–
–
Power
1.8V Digital I/O Power
Power, 1.8V I/O
E15
VIOIN_18
–
–
Power
1.8V Digital I/O Power
Power, 1.8V I/O
M16
VIOIN_18
–
–
Power
1.8V Digital I/O Power
Power, 1.8V I/O
LVDS
U5
VIOIN_18LVDS
–
–
Power
1.8V LVDS I/O Power
Power, 1.8V I/O
LVDS
U7
VIOIN_18LVDS
–
–
Power
1.8V LVDS I/O Power
Power, 1.8V I/O
MIPI D-PHY
C9
VIOIN_18CSI
–
–
Power
1.8V CSI2 I/O Power
Power, 1.8V I/O
MIPI D-PHY
C11
VIOIN_18CSI
–
–
Power
1.8V CSI2 I/O Power
Power, 1.8V/3.3V
I/O
K4
VIOIN
–
–
Power
1.8V/3.3V Digital I/O Power
Power, 1.8V/3.3V
I/O
F4
VIOIN
–
–
Power
1.8V/3.3V Digital I/O Power
Power, 1.8V/3.3V
I/O
R5
VIOIN
–
–
Power
1.8V/3.3V Digital I/O Power
Power, 1.8V/3.3V
I/O
T12
VIOIN
–
–
Power
1.8V/3.3V Digital I/O Power
Power, 1.8V/3.3V
I/O
D14
VIOIN
–
–
Power
1.8V/3.3V Digital I/O Power
Power, 1.8V/3.3V
I/O
P16
VIOIN
–
–
Power
1.8V/3.3V Digital I/O Power
Power, 1.8V/3.3V
I/O
H16
VIOIN
–
–
Power
1.8V/3.3V Digital I/O Power
Power, Bandgap
Output
T1
VBGAP
–
–
Power
Bandgap Output
Power, E-fuse
U9
VPP
–
–
Power
E-fuse Programming Voltage
MSS QSPI
E1
MSS_QSPI_CLK
IO
Pull Down LVCMOS
MSS QSPI Clock Output
MSS QSPI
F2
MSS_QSPI_CS
IO
Pull Up
LVCMOS
MSS QSPI Chip-Select Output
MSS QSPI
C1
MSS_QSPI_D0
IO
Pull Up
LVCMOS
MSS QSPI Data Input/Output 0
MSS QSPI
D2
MSS_QSPI_D1
IO
Pull Down LVCMOS
MSS QSPI Data Input/Output 1
MSS QSPI
D1
MSS_QSPI_D2
IO
Pull Up
LVCMOS
MSS QSPI Data Input/Output 2
MSS QSPI
E2
MSS_QSPI_D3
IO
Pull Up
LVCMOS
MSS QSPI Data Input/Output 3
MSS UART
G1
MSS_RS232_TX
IO
Pull
Disabled
LVCMOS
MSS Debug UART - Transmit Signal
MSS UART
G2
MSS_RS232_RX
IO
Pull Up
LVCMOS
MSS Debug UART - Receive Signal
Radar Front-End
H1
FE1_REFCLK
IO
Pull Down Clocking
Radar Front-End 1, Reference Clock
Input
Radar Front-End
J2
FE2_REFCLK
IO
Pull Down Clocking
Radar Front-End 2, Reference Clock
Input
AM2732
SWRS245 – DECEMBER 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com