Electronic Components Datasheet Search
  English  ▼

X  

1406869 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1406869
Description  Sensor/actuator cable - SAC-4P-MS/3,0-600/M 8FR-2L FB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406869 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1406869 Datasheet HTML 1Page - PHOENIX CONTACT 1406869 Datasheet HTML 2Page - PHOENIX CONTACT 1406869 Datasheet HTML 3Page - PHOENIX CONTACT 1406869 Datasheet HTML 4Page - PHOENIX CONTACT 1406869 Datasheet HTML 5Page - PHOENIX CONTACT 1406869 Datasheet HTML 6Page - PHOENIX CONTACT 1406869 Datasheet HTML 7Page - PHOENIX CONTACT 1406869 Datasheet HTML 8Page - PHOENIX CONTACT 1406869 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1406869
09/11/2020   Page 3 / 10
Sensor/actuator cable - SAC-4P-MS/3,0-600/M 8FR-2L FB - 1406869
Technical data
Cable
Acceleration
10 m/s²
Torsion force
± 270 °/m (4,000,000 torsion cycles, max. 25 torsion cycles/min)
Cable weight
23 kg/km
Outer sheath, material
PP-EPDM
Material conductor insulation
PP
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 1 GΩ*km (at 20 °C)
Conductor resistance
78 Ω/km (at 20 °C)
Nominal voltage, cable
≤ 300 V AC
Test voltage, cable
≥ 3000 V AC (Spark test)
Special properties
FDA compliant according to FDA 21 CFR 177.2600
highly flexible
Flexible cable conduit capable
Halogen-free
in accordance with DIN VDE 0472 part 815
in accordance with DIN EN 50267-2-1
Other resistance
Resistant to cold bending and cold impacts According to DIN EN
60811-1-4 (-40 °C)
Ambient temperature (operation)
-40 °C ... 105 °C (cable, fixed installation)
-25 °C ... 105 °C (cable, flexible installation)
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com