Electronic Components Datasheet Search
  English  ▼

X  

1406869 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1406869
Description  Sensor/actuator cable - SAC-4P-MS/3,0-600/M 8FR-2L FB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1406869 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1406869 Datasheet HTML 1Page - PHOENIX CONTACT 1406869 Datasheet HTML 2Page - PHOENIX CONTACT 1406869 Datasheet HTML 3Page - PHOENIX CONTACT 1406869 Datasheet HTML 4Page - PHOENIX CONTACT 1406869 Datasheet HTML 5Page - PHOENIX CONTACT 1406869 Datasheet HTML 6Page - PHOENIX CONTACT 1406869 Datasheet HTML 7Page - PHOENIX CONTACT 1406869 Datasheet HTML 8Page - PHOENIX CONTACT 1406869 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1406869
09/11/2020   Page 1 / 10
Sensor/actuator cable - SAC-4P-MS/3,0-600/M 8FR-2L FB - 1406869
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/actuator cable, 4-position, PP-EPDM halogen-free, gray RAL 7035, Plug straight M8, on Socket
angled M8, with 2 LEDs, cable length: 3 m, Hygienic design, with plastic knurl
Your advantages
 Easy and safe: 100% electrically tested plug-in components
 Easy to clean, thanks to the special hygienic design
 Contamination can be detected quickly – thanks to the light color
 Convenient: increased machine availability thanks to quick and easy diagnostics
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356781916
Technical data
Dimensions
Length of cable
3 m
Ambient conditions
Ambient temperature (operation)
-40 °C ... 105 °C (Plug / socket)
Degree of protection
IP65
IP67
IP68
IP69K
General
Rated current at 40°C
4 A
Rated voltage
24 V DC
Number of positions
4


Similar Part No. - 1406869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1406860 PHOENIX-1406860 Datasheet
476Kb / 10P
SAC-4P-M 8MS/ 1,5-600/M 8FS FB - Sensor/actuator cable
1406861 PHOENIX-1406861 Datasheet
476Kb / 10P
SAC-4P-M 8MS/ 3,0-600/M 8FS FB - Sensor/actuator cable
1406863 PHOENIX-1406863 Datasheet
476Kb / 10P
SAC-4P-M 8MS/ 0,6-600/M 8FR FB - Sensor/actuator cable
1406864 PHOENIX-1406864 Datasheet
415Kb / 10P
SAC-4P-M 8MS/ 1,5-600/M 8FR FB - Sensor/actuator cable
1406865 PHOENIX-1406865 Datasheet
445Kb / 10P
SAC-4P-M 8MS/ 3,0-600/M 8FR FB - Sensor/actuator cable
More results

Similar Description - 1406869

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1435069 PHOENIX-1435069 Datasheet
121Kb / 9P
Sensor/Actuator cable - SAC-5P-MS/ 3,0-PUR/AD-2L SCO
1403979 PHOENIX-1403979 Datasheet
101Kb / 6P
Sensor/Actuator cable - SAC-4P-MS/3,0-600/M12FR-3LHD
18.01.2013
1404007 PHOENIX-1404007 Datasheet
116Kb / 9P
Sensor/actuator cable - SAC-4P-M12MR/3,0-600 FB
09/11/2020
1404036 PHOENIX-1404036 Datasheet
100Kb / 6P
Sensor/Actuator cable - SAC-4P-MS/3,0-600/M12FR-3LFB
18.01.2013
1406524 PHOENIX-1406524 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-MS/ 3,0-600/M 8FR-2L FB
09/11/2020
1415552 PHOENIX-1415552 Datasheet
154Kb / 12P
Sensor/actuator cable - SAC-4P- 1,5-PVC/M 8FR
09/11/2020
1415875 PHOENIX-1415875 Datasheet
137Kb / 10P
Sensor/actuator cable - SAC-3P- 3,0-PVC/M 8FR-2L
09/11/2020
1415583 PHOENIX-1415583 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/3,0-PVC/M 8FR
09/11/2020
1671784 PHOENIX-1671784 Datasheet
138Kb / 11P
Sensor/actuator cable - SAC-3PQ-3,0-PUR/M 8FR
09/11/2020
1683594 PHOENIX-1683594 Datasheet
152Kb / 13P
Sensor/actuator cable - SAC-3P-10,0-PUR/M 8FR-2L
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com