Electronic Components Datasheet Search
  English  ▼

X  

TMUX7309FRRPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7309FRRPR
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7309FRRPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX7309FRRPR Datasheet HTML 24Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 25Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 26Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 27Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 28Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 29Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 30Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 31Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
IS (FA)
SW
SW
S1
S2
D
VDD
VSS
SW
S8
GND
A
GND
GND
VS
ID (FA)
A
N.C.
N.C.
GND
Unpowered
(VDD = VSS = GND = 0 V)
IS (FA)
SW
SW
S1
S2
D
VDD
VSS
SW
S8
GND
A
GND
GND
VS
ID (FA)
A
N.C.
N.C.
N.C.
Floating
(VDD = VSS = N.C.)
Figure 8-5. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault with
Unpowered or Floating Supplies
8.5 Break-Before-Make Delay
The break-before-make delay is a safety feature of the TMUX7308F and TMUX7309F. The ON switches first
break the connection before the OFF switches make connection. The time delay between the break and the
make is known as break-before-make delay. Figure 8-6 shows the setup used to measure break-before-make
delay, denoted by the symbol tBBM.
3 V
VA
0 V
tBBM 1
0.8 VS
Output
0 V
tBBM = min ( tBBM 1, tBBM 2)
VS
tBBM 2
tr < 20 ns
tf < 20 ns
SW
S1
S2
D
SW
S8
GND
RL
GND
GND
SW
GND
Decoder
A0
A1
A2
GND
VA
GND
VS
GND
EN
CL
VEN
SW
S7
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-6. Break-Before-Make Delay Measurement Setup
TMUX7308F, TMUX7309F
SCDS403B – FEBRUARY 2021 – REVISED DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com