Electronic Components Datasheet Search
  English  ▼

X  

TMUX7309FRRPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7309FRRPR
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7309FRRPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMUX7309FRRPR Datasheet HTML 29Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 30Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 31Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 32Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 33Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 34Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 35Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 36Page - Texas Instruments TMUX7309FRRPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
8.13 Bandwidth
Bandwidth (BW) is defined as the range of frequencies that are attenuated by < 3 dB when the input is applied to
the source pin (Sx) of an on-channel, and the output is measured at the drain pin (D or Dx) of the TMUX730xF.
Figure 8-15 shows the setup used to measure bandwidth of the switch.
Ax, EN
GND
VAX
VEN
SX
D/ DX
Other
Sx/ Dx
Pins
VS
VOUT
RS
SW
N.C.
SW
N.C.
50Ÿ
Network Analyzer
SW
$=J@SE@PD = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-15. Bandwidth Measurement Setup
8.14 THD + Noise
The total harmonic distortion (THD) of a signal is a measurement of the harmonic distortion, and is defined
as the ratio of the sum of the powers of all harmonic components to the power of the fundamental frequency
at the multiplexer output. The on-resistance of the TMUX7308F and TMUX7309F varies with the amplitude
of the input signal and results in distortion when the drain pin is connected to a low-impedance load. Total
harmonic distortion plus noise is denoted as THD+N. Figure 8-16 shows the setup used to measure THD+N of
the devices.
Ax, EN
GND
VAX
VEN
SX
D/ DX
Other
Sx/ Dx
Pins
VS
Audio Precision
VOUT
RS
RL
SW
SW
N.C.
SW
N.C.
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-16. THD+N Measurement Setup
www.ti.com
TMUX7308F, TMUX7309F
SCDS403B – FEBRUARY 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com