Electronic Components Datasheet Search
  English  ▼

X  

XC9201 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9201
Description  PWM Controlled Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9201 Datasheet HTML 9Page - Torex Semiconductor XC9201 Datasheet HTML 10Page - Torex Semiconductor XC9201 Datasheet HTML 11Page - Torex Semiconductor XC9201 Datasheet HTML 12Page - Torex Semiconductor XC9201 Datasheet HTML 13Page - Torex Semiconductor XC9201 Datasheet HTML 14Page - Torex Semiconductor XC9201 Datasheet HTML 15Page - Torex Semiconductor XC9201 Datasheet HTML 16Page - Torex Semiconductor XC9201 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2.Oscillation Frequency
The oscillation frequency of the internal clock generator is approximated by the following equation according to the values of the capacitor and
resistor attached to the CLK pin. To stabilize the IC's operation, set the oscillation frequency within a range of 100kHz to 600kHz. Select a
value for Cclk within a range of 180pF to 300pF and fix the frequency based on the value for Rclk.
f=1/ (-Cclk x Rclk x ln 0.26)
Example: When Cclk = 220 pF and Rclk = 10 k
Ω, f = 1/(-220e-12 x 10e3 x ln(0.26)) = 337.43 kHz.
3.Gain and Frequency Characteristics of the Verr Amplifier
The gain at output and frequency characteristics of the Verr amplifier are adjusted by the values of capacitor and resistor attached to the
CC/GAIN pin. It is generally recommended to attach a C_GAIN of 220 to 1,000 pF without an R_GAIN. The greater the C_GAIN value, the
more stable the phase and the slower the transient response. When using the IC with R_GAIN connected, it should be noted that if the R_GAIN
resistance value is too high, abnormal oscillation may occur during transient response time. The size of R_GAIN should be carefully determined
and connected.
4.Current Limiting
The current limiting value is approximated by the following equation according to resistor RSEN inserted between the VIN and ISEN pins. Double
function, current FB input and current limiting, is assigned to the ISEN pin. The current limiting value is approximated by the following equation
according to the value for RSEN.
ILpeak_limit = 0.15 / RSEN
Example: When RSEN = 100 m
Ω, ILpeak_limit = 0.15 / 0.1 = 1.5 A
Because of the feedback at the internal error amp with this IC (which is brought about as a result of the phase compensation of the voltage
generated at RSEN, which is in turn caused by current flowing through the coil when the PMOS is working.), should the value of the RSEN resistor
be too large, the feedback signal will also increase and intermittent oscillation may occur. We therefore recommend that you carefully check the
value for RSEN should you have a problem with oscillation. During normal operations, a voltage will be generated at RSEN as a result of the coil's
peak current. Please ensure that this voltage is less than the current limit voltage which is 90mV (min.).
For RSEN resistor's rated power, please refer to the note on the RSEN resistor on page 18.
XC9201
Series
547
5
CLK pin
〔Inside the IC〕
Rclk
CLK Generater
Cclk
〔Inside the IC〕
Rsen
VIN pin
Isen pin
Limiter signal
Comparator with
150-mV offset
〔Inside the IC〕
Verr
CC/GAIN pin
RGAIN
CC
VOUT/FB
Vref
RVerr
05S_1XC9201/9202新規 02.09.12 15:16 ページ 547



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com