Electronic Components Datasheet Search
  English  ▼

X  

XC9201 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9201
Description  PWM Controlled Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9201 Datasheet HTML 12Page - Torex Semiconductor XC9201 Datasheet HTML 13Page - Torex Semiconductor XC9201 Datasheet HTML 14Page - Torex Semiconductor XC9201 Datasheet HTML 15Page - Torex Semiconductor XC9201 Datasheet HTML 16Page - Torex Semiconductor XC9201 Datasheet HTML 17Page - Torex Semiconductor XC9201 Datasheet HTML 18Page - Torex Semiconductor XC9201 Datasheet HTML 19Page - Torex Semiconductor XC9201 Datasheet HTML 20Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
XC9201
Series
553
5
(2) EFFICIENCY vs. OUTPUT CURRENT
L=22
µH, CL=40µF (Ceramic), CIN=30µF (Ceramic)
RSEN=50m
Ω, CDD=1µF (Ceramic), SD:U3FWJ44N
CGAIN=470pF (Ceramic), Tr:XP162A11C0PR
L=22
µH, CL=40µF (Ceramic), CIN=30µF (Ceramic)
RSEN=50m
Ω, CDD=1µF (Ceramic), SD:U3FWJ44N
CGAIN=470pF (Ceramic), Tr:XP162A11C0PR
L=22
µH, CL=40µF (Ceramic), CIN=30µF (Ceramic)
RSEN=50m
Ω, CDD=1µF (Ceramic), SD:U3FWJ44N
CGAIN=470pF (Ceramic), Tr:XP162A11C0PR
L=68
µH, CL=40µF (Ceramic), CIN=30µF (Ceramic)
RSEN=50m
Ω, CDD=10µF (Ceramic), SD:U3FWJ44N
CGAIN=470pF (Ceramic), Tr:XP132A11C0PR
VOUT 1.5V, FOSC : 330kHz
VOUT 3.3V, FOSC : 330kHz
VOUT 5.0V, FOSC : 330kHz
VOUT 12.0V, FOSC : 100kHz
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
VIN=18.0V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
VIN=8.0V
12.0V
10.0
15.0V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
VIN=4.0V
10.0V
8.0V
6.0V
12.0V
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current : IOUT (mA)
VIN=3.3V
5.0V
7.2V
05S_1XC9201/9202新規 02.09.12 15:16 ページ 553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com