Electronic Components Datasheet Search
  English  ▼

X  

XC9503 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9503
Description  2ch Step-down DC/DC Controller ICs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9503 Datasheet HTML 1Page - Torex Semiconductor XC9503 Datasheet HTML 2Page - Torex Semiconductor XC9503 Datasheet HTML 3Page - Torex Semiconductor XC9503 Datasheet HTML 4Page - Torex Semiconductor XC9503 Datasheet HTML 5Page - Torex Semiconductor XC9503 Datasheet HTML 6Page - Torex Semiconductor XC9503 Datasheet HTML 7Page - Torex Semiconductor XC9503 Datasheet HTML 8Page - Torex Semiconductor XC9503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Mar. 14, 2003 Ver. 2
Applications
2ch DC/DC Controller (Step-down + Step-down)
PDAs
Input Voltage Range
2.0V ~ 10.0V
Palm Top Computers
Output Voltage Externally Set-Up
Digital Cameras
Switching Frequency
300kHz
(±15%)
Various Multi-Function Power Supplies
Maximum Duty Cycle
100%
PWM, PWM/PFM Switching Control
Features
High Efficiency
Step-down 92% (Typ.)
Input Voltage Range
: 2.0V ~ 10V
Small MSOP-10 package
Power Supply Voltage Range : 2.0V ~ 10V
Output Voltage Range
: 0.9V ~ 6.0V
General Description
Oscillation Frequency
: 300kHz
±15%
(180kHz, 500kHz custom)
Output Current
Stand-By Function
: 3.0
µA (MAX.)
Package
: MSOP-10
Soft-Start Time
: 10 ms (internally set)
Typical Performance Characteristics
Typical Application Circuit
XC9503B093A Input :
VOUT
1 : 3.3V, VOUT2 : 1.8V
: more than 1000mA (VIN=5.0V, VOUT=3.3V)
Noise is easily reduced with PWM control since the frequency
is fixed. The series gives freedom to select control suited to
the application. Soft-start time is internally set to 10msec and
offers protection against in-rush currents when the power is
switched on and also protects against voltage overshoot.
XC9503 Series
2ch. Step-down DC/DC Controller ICs
The XC9503 series are PWM controlled, PWM/PFM automatic
switching controlled, multi-functional, 2 channel step-down
DC/DC controller ICs. Since the series has a built-in 0.9V
reference voltage (accuracy ±2%), 0.9V to 6.0V can be set
using external components. With a 300kHz frequency, the size
of the external components can be reduced. Switching
frequencies of 180kHz & 500kHz are also available as custom-
designed products.
The control of the XC9503 series can be switched between
PWM control and PWM/PFM automatic switching control using
external signals. Control switches from PWM to PFM during
light loads when automatic switching is selected and the series
is highly efficient from light loads through to large output
currents.
Can be set freely with 0.9V
(±2.0%) of reference
voltage supply and
external components.
XC9503B093A (300kHz,VOUT1:3.3V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current 1 IOUT1(mA)
VIN=5.0V
PWM
PWM/PFM Switching
L1=22
µH(CDRH5D28), CL1=47µF(Tantalum)
SD1:MA2Q737, Tr1:XP162A1355P
L1:22
µH
CDRH5D28
Tr2:Pch MOSFET
XP162A12A6P
CIN
:47
µF
VIN
=5.0V
Tr1:Pch MOSFET
XP162A12A6P
SD2
:MA2Q737
SD1
:MA2Q737
RFB11
:200k
Ω
CFB1
:62pF
RFB12
:75k
Ω
VOUT1:3.3V
1 EXT1/
2 VDD
3 FB1
FB2 8
GND 9
EXT2/ 10
4 PWM1
PWM2 7
5 EN1
EN2 6
CL1:
47
µFX2
CL2:
47
µFX2
VPWM1
VPWM2
VEN2
VEN1
L2:22
µH
CDRH5D28
VOUT2:1.8V
RFB21
:220k
Ω
RFB22
:220k
Ω
CFB2
:62pF
1


Similar Part No. - XC9503

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
1Mb / 32P
2ch.Step-Down DC/DC Controller ICs
XC9503 TOREX-XC9503_1 Datasheet
1Mb / 32P
2ch.Step-Down DC/DC Controller ICs
More results

Similar Description - XC9503

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
2ch. Step-up DC/DC Controller ICs.
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
2ch. Step-up / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9220 TOREX-XC9220 Datasheet
517Kb / 22P
16V Input Voltage, Step-Down DC/DC Controller ICs.
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
2ch. Step-up / down DC/DC Controller ICs
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
2ch step-down circuit DC-DC Converter Controller
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com