Electronic Components Datasheet Search
  English  ▼

X  

XC9503 Datasheet(PDF) 29 Page - Torex Semiconductor

Part # XC9503
Description  2ch Step-down DC/DC Controller ICs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503 Datasheet(HTML) 29 Page - Torex Semiconductor

Back Button XC9503 Datasheet HTML 22Page - Torex Semiconductor XC9503 Datasheet HTML 23Page - Torex Semiconductor XC9503 Datasheet HTML 24Page - Torex Semiconductor XC9503 Datasheet HTML 25Page - Torex Semiconductor XC9503 Datasheet HTML 26Page - Torex Semiconductor XC9503 Datasheet HTML 27Page - Torex Semiconductor XC9503 Datasheet HTML 28Page - Torex Semiconductor XC9503 Datasheet HTML 29Page - Torex Semiconductor XC9503 Datasheet HTML 30Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
! Load Transient Response
< VOUT1, 2 = 0.9 V, VIN = 3.3V
IOUT1, 2 = 10mA
! 300mA >
" PWM Control
FOSC = 300kHz, VOUT1, 2 = 0.9V
FOSC = 300kHz, VOUT1, 2 = 0.9V
VIN = 3.3V, IOUT = 1, 2 = 10mA
" 300mA
VIN = 3.3V, IOUT = 1, 2 = 300mA
" 10mA
CH1
0.9V
CH1
0.9V
300mA
300mA
CH2
10mA
CH2
10mA
CH1 : VOUT1, 2, AC-COUPLED, 20mV/div
CH1 : VOUT1, 2, AC-COUPLED, 20mV/div
CH2 : IOUT1, 2, 150mA/div
CH2 : IOUT1, 2, 150mA/div
" PWM / PFM Switching Control
FOSC = 300kHz, VOUT1, 2 = 0.9V
FOSC = 300kHz, VOUT1, 2 = 0.9V
VIN = 3.3V, IOUT = 1, 2 = 10mA
" 300mA
VIN = 3.3V, IOUT = 1, 2 = 300mA
" 10mA
CH1
0.9V
CH1
0.9V
300mA
300mA
CH2
10mA
CH2
10mA
CH1 : VOUT1, 2, AC-COUPLED, 20mV/div
CH1 : VOUT1, 2, AC-COUPLED, 20mV/div
CH2 : IOUT1, 2, 150mA/div
CH2 : IOUT1, 2, 150mA/div
29
100µsec / div
100
µsec / div
200
µsec / div
200
µsec / div
XC9503 Series
2ch. Step-down DC/DC Controller ICs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com