Electronic Components Datasheet Search
  English  ▼

X  

IS01 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IS01
Description  Simulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IS01 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IS01 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IS01 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IS01 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
Ambient conditions
Ambient temperature
-20 ... 50 °C (-4 ... 122 °F)
Storage temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Degree of protection
IP20
Mass
approx. 70 g
Dimensions
40 x 130 x 25 mm (1.6 x 5.1 x 1 inch)
Construction type
gray ABS handheld housing
Data for application in connection with hazardous areas
EU-Type Examination Certificate
DMT 02 ATEX E 008
Marking
1
II 1G EEx ia IIB T4
Voltage
Ui
16 V DC
Current
Ii
55 mA
Power
Pi
245 mW
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-11:2012
General information
Supplementary information
Observe the certificates, declarations of conformity, instruction manuals, and manuals
where applicable. For information see www.pepperl-fuchs.com.
Assembly
> 9V
OK
< 7V
0,1 Hz
1 Hz
10 Hz
100 Hz
1000 Hz
Front view
LED red
LED yellow:
Switching state
Switch position 1
"not damped"
Switch position 2
"damped"
Switch position 3
"short circuit"
LED green
LED yellow
Function switch
"NAMUR voltage"
"Sensor, static"
"Sensor dynamic"
LED yellow
Frequency
adjustment switch
Simulator
IS01
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com