Electronic Components Datasheet Search
  English  ▼

X  

IS01 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # IS01
Description  Simulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IS01 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  IS01 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IS01 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IS01 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IS01
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Simulator
Additional Information
Operation:
The simulator is used instead of a sensor and is connected to an input to EN 60947-5-6 NAMUR.
Three different test functions may be selected using the function switch.
Switch position "NAMUR voltage"
The voltage of the control circuit can be tested according to EN 60947-5-6 NAMUR. In this case the initiator simulator has an
internal resistance of 1 k.
Function switch position "sensor static"
• Switch position 1
control circuit J > 2.1 mA
(Initiator not damped)
• Switch position 2
control circuit J about 0.4 mA
(Initiator damped)
• Switch position 3
control circuit J > 7.0 mA
(Lead short circuit)
Function switch position "sensor dynamic"
A quartz controlled rectangular wave controller produces a signal with a duty ratio of 50 % : 50 %.
The frequency can be adjusted from 0.1 Hz up to 1 kHz using the slide switch.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com