Electronic Components Datasheet Search
  English  ▼

X  

1408985 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1408985
Description  Power connectors - SACC-M12MRS-3PECON-PG11-M
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408985 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1408985 Datasheet HTML 1Page - PHOENIX CONTACT 1408985 Datasheet HTML 2Page - PHOENIX CONTACT 1408985 Datasheet HTML 3Page - PHOENIX CONTACT 1408985 Datasheet HTML 4Page - PHOENIX CONTACT 1408985 Datasheet HTML 5Page - PHOENIX CONTACT 1408985 Datasheet HTML 6Page - PHOENIX CONTACT 1408985 Datasheet HTML 7Page - PHOENIX CONTACT 1408985 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1408985
09/11/2020   Page 1 / 8
Power connectors - SACC-M12MRS-3PECON-PG11-M - 1408985
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power connectors, 4-position, Plug angled M12, Coding: S, Screw connection, knurl material: Zinc die-cast,
nickel-plated, cable gland Pg11, external cable diameter 8 mm ... 10 mm, for AC current up to 12 A/630 V,
Contact 4 leading
Your advantages
 Safe use in the field, thanks to a high degree of protection
 Flexible: connectors for on-site assembly
 Screw connection: proven connection technology for a large selection of different conductors
 High-performance: AC connectors for up to 12 A and 630 V AC
 Protection against incorrect connection using special S-coding
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356861564
Technical data
Dimensions
Wrench size, union nut
19 mm
Diameter housing
20.2 mm
Length
44 mm
External cable diameter
8 mm ... 10 mm
Stripping length of the sheath
20 mm
Stripping length of the individual wire
5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C (Plug / socket)
Degree of protection
IP67
General


Similar Part No. - 1408985

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408980 PHOENIX-1408980 Datasheet
381Kb / 10P
NBC-R4QC/10,0-93B/R4QC - Network cable
1408986 PHOENIX-1408986 Datasheet
57Kb / 3P
Housing - HC-ADV-B24-CHFH-1TTM25-EEE
1408987 PHOENIX-1408987 Datasheet
130Kb / 8P
Power connectors - SACC-M12FRS-3PECON-PG11-M
09/11/2020
1408988 PHOENIX-1408988 Datasheet
407Kb / 14P
SACC-M12MRT-4CON-PG11-M - Power connector
1408989 PHOENIX-1408989 Datasheet
400Kb / 14P
SACC-M12FRT-4CON-PG11-M - Power connector
More results

Similar Description - 1408985

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404641 PHOENIX-1404641 Datasheet
285Kb / 6P
Power connector - SACC-M12MSS-3PECON-PG11-M
1404642 PHOENIX-1404642 Datasheet
298Kb / 6P
Power connector - SACC-M12FSS-3PECON-PG11-M
1404643 PHOENIX-1404643 Datasheet
291Kb / 6P
Power connector - SACC-M12MST-3PECON-PG11-M
1404644 PHOENIX-1404644 Datasheet
71Kb / 4P
Connector - SACC-M12FST-3PECON-PG11-M
1408987 PHOENIX-1408987 Datasheet
130Kb / 8P
Power connectors - SACC-M12FRS-3PECON-PG11-M
09/11/2020
1107268 PHOENIX-1107268 Datasheet
391Kb / 12P
SACC-M12MSS-3PECON-PG 9-M - Power connector
1419641 PHOENIX-1419641 Datasheet
412Kb / 12P
SACC-M12MRS-2PECON-PG 9-M - Power connector
1107269 PHOENIX-1107269 Datasheet
381Kb / 12P
SACC-M12FSS-3PECON-PG 9-M - Power connector
1107272 PHOENIX-1107272 Datasheet
400Kb / 13P
SACC-M12FRS-3PECON-PG 9-M - Power connector
1107271 PHOENIX-1107271 Datasheet
416Kb / 12P
SACC-M12MRS-3PECON-PG 9-M - Power connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com