Electronic Components Datasheet Search
  English  ▼

X  

1408985 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1408985
Description  Power connectors - SACC-M12MRS-3PECON-PG11-M
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408985 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1408985 Datasheet HTML 1Page - PHOENIX CONTACT 1408985 Datasheet HTML 2Page - PHOENIX CONTACT 1408985 Datasheet HTML 3Page - PHOENIX CONTACT 1408985 Datasheet HTML 4Page - PHOENIX CONTACT 1408985 Datasheet HTML 5Page - PHOENIX CONTACT 1408985 Datasheet HTML 6Page - PHOENIX CONTACT 1408985 Datasheet HTML 7Page - PHOENIX CONTACT 1408985 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1408985
09/11/2020   Page 2 / 8
Power connectors - SACC-M12MRS-3PECON-PG11-M - 1408985
Technical data
General
Note
Strip 21 mm off the cable sheath, strip 6 mm off the conductor insulation,
crimp the ferrule, then shorten this to 5 mm. Conductor length with
shortened ferrule: 20 mm. Connect conductors and tighten the mounting
screws with 0.2 Nm.
NOTE: Observe the permissible bending radii when laying conductors,
since the degree of protection may be put in jeopardy if the bending
forces are too high. Alleviate mechanical loads upstream of the
connector, e.g. by using cable ties.
Rated current at 40°C
12 A (when using 1.5 mm² conductors)
12 A (at 40 °C)
Rated voltage
630 V AC
Number of positions
4
Color handle area
black
Insulation resistance
> 10 GΩ
Coding
S power
Standards/regulations
M12 connector IEC 61076-2-111
Status display
No
Overvoltage category
III
Degree of pollution
3
Connection method
Screw connection
Conductor cross section
0.75 mm² ... 1.5 mm² (without ferrule)
0.75 mm² ... 1.5 mm² (with ferrule)
0.75 mm² ... 2.5 mm² (solid)
Conductor cross section AWG
18 ... 14 (without ferrule)
18 ... 16 (with ferrule)
Insertion/withdrawal cycles
> 100
Torque
0.4 Nm (M12 knurl)
1.5 Nm ... 2 Nm (Pressure screw with sleeve housing)
0.4 Nm (Screw plug insert with sleeve housing as far it will go)
0.2 Nm (Screw terminal blocks)
Assembly instructions
The wires can be connected both with ferrules and without ferrules
The connector pin assignment can be rotated 90° to the cable outlet
Material
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA
Material of grip body
PA
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
NBR (Cable clamping)
Standards and Regulations
Standards/specifications
M12 connector IEC 61076-2-111



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com