Electronic Components Datasheet Search
  English  ▼

X  

LT3965 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3965
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3965 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3965 Datasheet HTML 13Page - Analog Devices LT3965 Datasheet HTML 14Page - Analog Devices LT3965 Datasheet HTML 15Page - Analog Devices LT3965 Datasheet HTML 16Page - Analog Devices LT3965 Datasheet HTML 17Page - Analog Devices LT3965 Datasheet HTML 18Page - Analog Devices LT3965 Datasheet HTML 19Page - Analog Devices LT3965 Datasheet HTML 20Page - Analog Devices LT3965 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LT3935
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Understanding FB Overvoltage Lockout
It is possible that the FB voltage can exceed the 1V limit.
If the output voltage is near the maximum when the LED
string opens, it may take too long for the feedback loop
to adjust the inductor current and avoid overcharging the
output. However, if the FB voltage exceeds the 1.05V Over-
voltage Lockout Threshold, the LT3935 will immediately
stop switching and resume only when FB decreases to 1V.
This threshold may be routinely exceeded when the
LT3935 is being operated as a voltage regulator and the
load current decreases rapidly. In this case, the pause in
switching limits the output overshoot and ensures that the
voltage is back in regulation as quickly as possible. For
safe operation, choose RFB2 and RFB1 values to ensure
the output voltage is not greater than VIN when the FB
voltage is 1.05V.
Open and Shorted LED Fault Detection and Response
The resistor network formed by RFB1andRFB2alsodefines
the criteria for two fault conditions with respect to the LED
string: short and open-circuits. For the LT3935, a short-
circuit is when FB is less than 200mV. An open-circuit
is when FB is greater than 950mV and simultaneously
the difference between ISP and ISN is less than 10mV
(the C/10 threshold). The latter condition ensures that the
output current is low (as it should be in an open-circuit)
not just that output voltage is high as it may be when the
LEDs are conducting a large current.
In both cases, a fault is indicated by an internal device
pulling the voltage at the FAULT pin low. There is nothing
internal that pulls this voltage high, so an external resis-
tor between INTVCC and FAULT is necessary as shown in
Figure 9. This configuration allows multiple FAULT pins
and similar pins on other parts to be connected and share
a single resistor.
Soft-Start and Fault Modes
The SS pin has two functions. First, it allows the user to
program the output voltage startup ramp rate. An internal
20μA current pulls up the SS pin to INTVCC. Connecting
an external capacitor CSS from the SS pin to GND, as
shown in Figure 10, will generate a linear ramp voltage.
The LT3935 regulates the FB pin voltage to track the SS
pin voltage until VOUT is high enough to drive the LED at
the commanded current level.
The SS pin is also used as a fault timer. After a fault is
detected, an internal 1.25μA current sink will begin to
discharge the soft-start capacitor and lower the voltage
at the SS pin. When the voltage falls from 3.3V to 1.7V,
all switching will cease, but the SS pin will continue to
discharge. Switching will not resume until SS reaches
200mV. At this point, the 20μA current will recharge the
soft-start capacitor, and the LT3935 will try to switch
again. If the fault persists when SS returns to 1.7V, the
process will repeat as shown in Figure 11.
Figure 9. FAULT Resistor Configuration
LT3935
3935 F09
FAULTB
INTVCC
RFAULT
Figure 10. SS Capacitor and Resistor Configuration
LT3935
3935 F10
SS
INTVCC
RSS
CSS
Figure 11. Hiccup Response to Fault
FAULT DETECTED
FAULT CLEARED
10ms/DIV
SS
1V/DIV
3935 F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com