Electronic Components Datasheet Search
  English  ▼

X  

LT3965 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3965
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3965 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3965 Datasheet HTML 14Page - Analog Devices LT3965 Datasheet HTML 15Page - Analog Devices LT3965 Datasheet HTML 16Page - Analog Devices LT3965 Datasheet HTML 17Page - Analog Devices LT3965 Datasheet HTML 18Page - Analog Devices LT3965 Datasheet HTML 19Page - Analog Devices LT3965 Datasheet HTML 20Page - Analog Devices LT3965 Datasheet HTML 21Page - Analog Devices LT3965 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LT3935
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Planning for Thermal Shutdown
TheLT3935automaticallystopsswitchingwhentheinternal
temperatureistoohigh.Thetemperaturelimitisguaranteed
to be higher than the operational temperature of the part.
During thermal shutdown, all switching is terminated, SS
is forced low, and the LEDs are off.
The exposed pad on the bottom of the package must be
soldered to a ground plane. Vias placed directly under the
package are necessary to dissipate heat.
Following these guidelines, the official four-layer demo
board DC2987A reduces the thermal resistance, θJA to
27°C/W. With a compromised board design, θJA could
be 40°C/W or higher.
Designing the Printed Circuit Board
Note that large switched currents flow through the local
input capacitors and the VIN and GND pins. The loops
traveled by these currents should be made as small as
possible by keeping the capacitors as close as possible
to these pins. These capacitors, as well as the inductor,
should be placed on the same side of the board as the
LT3935 and connected on the same layer. Other large,
bulk input capacitors can be safely placed farther from
the chip and on the other side of the board.
Create a Kelvin ground network by keeping the ground
connection for all of the other components separate.
It should only join the ground for the input and output
capacitors and the return path for the LED current at the
exposed pad.
There are a few other aspects of the board design that
improve performance. An unbroken ground plane on
the second layer dissipates heat, but also reduces noise.
Likewise minimizing the area of the SW and BST nodes
reduces noise. The traces for FB and VC should be kept
short to lessen the susceptibility to noise of these high
impedance nodes. Matched kelvin connections from the
external current sense resistor RS to the ISP and ISN pins
are essential for current regulation accuracy. The 2.2μF
INTVCC and VREF capacitors as well as the 100nF BST
capacitor should be placed as closely as possible to their
respective pins. A capacitor for the CTRL pin should be
placed near the pin for analog dimming. The PWM pin can
be tied to VREF or INTVCC. Please refer to the demo board
layout of the LT3935 for an example of how to implement
these recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com